Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 324 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 324 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 320Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 321Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 322Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 323Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 324Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 325Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 326Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 327Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 328Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-40
USER’S MANUAL
Table A-23 Low Voltage ECLK Bus Timing
(V
DD
and V
DDSYN
= 2.7 to 3.6 Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H
)1
NOTES:
1. Refer to notes in Table A-26.
Num
Characteristic
Symbol
Min
Max
Unit
E1
ECLK Low to Address Valid2
tEAD
—60
ns
E2
ECLK Low to Address Hold
tEAH
10
—
ns
E3
ECLK Low to CS Valid (CS Delay)
tECSD
—
150
ns
E4
ECLK Low to CS Hold
tECSH
15
—
ns
E5
CS Negated Width
tECSN
30
—
ns
E6
Read Data Setup Time
tEDSR
30
—
ns
E7
Read Data Hold Time
tEDHR
15
—
ns
E8
ECLK Low to Data High Impedance
tEDHZ
—60
ns
E9
CS Negated to Data Hold (Read)
tECDH
0—
ns
E10
CS Negated to Data High Impedance
tECDZ
—1
tcyc
E11
ECLK Low to Data Valid (Write)
tEDDW
—2
tcyc
E12
ECLK Low to Data Hold (Write)
tEDHW
5—
ns
E13
CS Negated to Data Hold (Write)
tECHW
0—
ns
E14
Address Access Time (Read)3
tEACC
386
—
ns
E15
Chip-Select Access Time (Read)4
tEACS
296
—
ns
E16
Address Setup Time
tEAS
—
1/2
tcyc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com