Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 334 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 330Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 331Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 332Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 333Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 334Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 335Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 336Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 337Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-50
USER’S MANUAL
Table A-30 SPI Timing
(V
DD
and V
DDSYN
= 5.0 Vdc
± 10% for 16.78 MHz, 5% for 20/25 MHz, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
NOTES:
1. All AC timing is shown with respect to VIH/VIL levels unless otherwise noted.
Num
Function
Symbol
Min
Max
Unit
1
Operating Frequency
Master
Slave
fop
DC
DC
1/4
1/4
fsys
fsys
2
Cycle Time
Master
Slave
tqcyc
4
4
510
—
tcyc
tcyc
3
Enable Lead Time
Master
Slave
tlead
2
2
128
—
tcyc
tcyc
4
Enable Lag Time
Master
Slave
tlag
—
2
1/2
—
SCK
tcyc
5
Clock (SCK) High or Low Time
Master
Slave2
2. For high time, n = External SCK rise time; for low time, n = External SCK fall time.
tsw
2 tcyc – 60
2 tcyc – n
255 tcyc
—
ns
ns
6
Sequential Transfer Delay
Master
Slave (Does Not Require Deselect)
ttd
17
13
8192
—
tcyc
tcyc
7
Data Setup Time (Inputs)
Master
Slave
tsu
30
20
—
—
ns
ns
8
Data Hold Time (Inputs)
Master
Slave
thi
0
20
—
—
ns
ns
9
Slave Access Time
ta
—1
tcyc
10
Slave MISO Disable Time
tdis
—2
tcyc
11
Data Valid (after SCK Edge)
Master
Slave
tv
—
—
50
50
ns
ns
12
Data Hold Time (Outputs)
Master
Slave
tho
0
0
—
—
ns
ns
13
Rise Time
Input
Output
tri
tro
—
—
2
30
µs
ns
14
Fall Time
Input
Output
tfi
tfo
—
—
2
30
µs
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com