Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 337 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 333Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 334Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 335Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 336Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 337Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 338Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 339Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 340Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-53
Figure A-24 Input Signal Conditioner Timing
Table A-31 General-Purpose Timer AC Characteristics
Num
Parameter
Symbol
Min
Max
Unit
1
Operating Frequency
Fclock
0
16.78
MHz
2
PCLK Frequency
Fpclk
0
1/4 Fclock
MHz
3
Pulse Width Input Capture
PWtim
2/Fclock
—
—
4
PWM Resolution
—
2/Fclock
—
—
5
IC/OC Resolution
—
4/Fclock
—
—
6
PCLK Width (PWM)
—
4/Fclock
—
—
7
PCLK Width (IC/OC)
—
4/Fclock
—
—
8
PAI Pulse Width
—
2/Fclock
—
—
NOTES:
2. A = INPUT SIGNAL AFTER THE SYNCHRONIZER.
3. B = “A” AFTER THE DIGITAL FILTER.
1. PHI1 IS THE SAME FREQUENCY AS THE SYSTEM CLOCK; HOWEVER, IT DOES NOT HAVE THE SAME TIMING.
B3
A2
EXT PIN
PHI11
INPUT SIG CONDITIONER TIM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com