Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 346 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 346 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 342Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 343Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 344Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 345Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 346Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 347Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 348Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 349Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-62
USER’S MANUAL
Table A-32 ADC Maximum Ratings
Num
Parameter
Symbol
Min
Max
Unit
1
Analog Supply
VDDA
–0.3
6.5
V
2
Internal Digital Supply, with reference to VSSI
VDDI
–0.3
6.5
V
3
Reference Supply, with reference to VSSI
VRH, VRL
–0.3
6.5
V
4VSS Differential Voltage
VSSI –VSSA
–0.1
0.1
V
5VDD Differential Voltage
VDDI –VDDA
–6.5
6.5
V
6VREF Differential Voltage
VRH –VRL
–6.5
6.5
V
7VRH to VDDA Differential Voltage
VRH –VDDA
–6.5
6.5
V
8VRL to VSSA Differential Voltage
VRL –VSSA
–6.5
6.5
V
9
Disruptive Input Current1, 2, 3, 4, 5, 6, 7
VNEGCLAMP ≅ –0.3 V
VPOSCLAMP ≅ 8 V
NOTES:
1. Below disruptive current conditions, a stressed channel will store the maximum conversion value for analog
inputs greater than VRH and the minimum conversion value for inputs less than VRL. This assumes that VRH ≤
VDDA and VRL ≥ VSSA due to the presence of the sample amplifier. Other channels are not affected by non-
disruptive conditions.
2. Input signals with large slew rates or high frequency noise components cannot be converted accurately. These
signals also interfere with conversion of other channels.
3. Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions
within the limit do not affect device reliability or cause permanent damage.
4. Input must be current limited to the value specified. To determine the value of the required current-limiting re-
sistor, calculate resistance values using positive and negative clamp values, then use the larger of the calcu-
lated values.
5. This parameter is periodically sampled rather than 100% tested.
6. Applies to single pin only.
7. The values of external system components can change the maximum input current value, and affect operation.
A voltage drop may occur across the external source impedances of the adjacent pins, impacting conversions
on these adjacent pins. The actual maximum may need to be determined by testing the complete design.
INA
–500
500
µA
10
Positive Overvoltage Current Coupling Ratio1,5,6,8
8. Current coupling is the ratio of the current induced from overvoltage (positive or negative, through an external
series coupling resistor), divided by the current induced on adjacent pins. A voltage drop may occur across the
external source impedances of the adjacent pins, impacting conversions on these adjacent pins.
KP
2000
—
—
11
Negative Overvoltage Current Coupling Ratio1,5,6,8
KN
500
—
—
12
Maximum Input Current 3,4,6
VNEGCLAMP ≅ –0.3 V
VPOSCLAMP ≅ 8 V
IMA
–25
25
mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com