Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 350 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 346Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 347Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 348Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 349Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 350Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 351Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 352Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 353Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-66
USER’S MANUAL
Table A-37 Low Voltage ADC Conversion Characteristics (Operating)
(VDD and VDDA = 2.7 to 3.6 Vdc , VSS = 0 Vdc, TA = TL to TH, fADCLK = 1.05 MHz)
Num
Parameter
Symbol
Min
Typical
Max
Unit
1
8-Bit Resolution1
NOTES:
1. At VRH – VRL= 3.072 V, one 10-bit count = 3 mV and one 8-bit count = 12 mV.
1 Count
—
12
—
mV
2
8-Bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
3
8-Bit Integral Nonlinearity
INL
–1.0
—
1.0
Counts
4
8-Bit Absolute Error2
2. 8-bit absolute error of 1.5 counts (18 mV) includes 1/2 count (6 mV) inherent quantization error and 1 count
(12 mV) circuit (differential, integral, and offset) error.
AE
–1.5
—
1.5
Counts
5
10-Bit Resolution1
1 Count
—
3
—
mV
6
10-Bit Differential Nonlinearity3
3. Conversion accuracy varies with fADCLK rate. Reduced conversion accuracy occurs at maximum fADCLK.
Assumes that minimum sample time (2 ADC clocks) is selected.
DNL
–1
—
1
Counts
7
10-Bit Integral Nonlinearity3
INL
–2.0
—
2.0
Counts
8
10-Bit Absolute Error3,4
4. 10-bit absolute error of 4.0 counts (12 mV) includes 1/2 count (1.5 mV) inherent quantization error and 3.5
counts (10.5 mV) circuit (differential, integral, and offset) error.
AE
–4
—
4.0
Counts
9
Source Impedance at Input5
5. Maximum source impedance is application-dependent. Error resulting from pin leakage depends on junction
leakage into the pin and on leakage due to charge-sharing with internal capacitance.
Error from junction leakage is a function of external source impedance and input leakage current. Expected
error in result value due to junction leakage is expressed in voltage (VERRJ):
where IOFF is a function of operating temperature, as shown in Table A-35.
Charge-sharing leakage is a function of input source impedance, conversion rate, change in voltage between
successive conversions, and the size of the decoupling capacitor used. Error levels are best determined
empirically. In general, continuous conversion of the same channel may not be compatible with high source
impedance.
RS
—20—
k
Ω
V
ERRJ
R
S
I
OFF
×
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com