Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 393 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 393 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 389Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 397Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-19
CSORBT and CSOR[0:10] contain parameters that support operations from external
memory devices. Bit and field definitions for CSORBT and CSOR[0:10] are the same.
MODE — Asynchronous/Synchronous Mode
0 = Asynchronous mode is selected.
1 = Synchronous mode is selected, and used with ECLK peripherals.
In asynchronous mode, chip-select assertion is synchronized with AS and DS.
In synchronous mode, the chip-select signal is asserted with ECLK.
BYTE[1:0] — Upper/Lower Byte Option
This field is used only when the chip-select 16-bit port option is selected in the pin as-
signment register. This allows the usage of two external 8-bit memory devices to be
concatenated to form a 16-bit memory. Table D-13 shows upper/lower byte options.
R/W[1:0]— Read/Write
This field causes a chip-select to be asserted only for a read, only for a write, or for
both read and write. Table D-14 shows the options.
STRB — Address Strobe/Data Strobe
This bit controls the timing for assertion of a chip-select in asynchronous mode only.
Selecting address strobe causes the chip-select to be asserted synchronized with ad-
dress strobe. Selecting data strobe causes the chip-select to be asserted synchro-
nized with data strobe. Data strobe timing is used to create a write strobe when
needed.
0 = Address strobe
1 = Data strobe
DSACK[3:0] — Data Strobe Acknowledge
This field specifies the source of DSACK in asynchronous mode as internally generat-
ed or externally supplied. It also allows the user to adjust bus timing with internal
DSACK generation by controlling the number of wait states that are inserted to opti-
mize bus speed in a particular application. Table D-15 shows the DSACK[3:0] field en-
coding. The fast termination encoding (%1110) effectively corresponds to –1 wait
states.
Table D-13 BYTE Field Bit Encoding
BYTE[1:0]
Description
00
Disable
01
Lower byte
10
Upper byte
11
Both bytes
Table D-14 Read/Write Field Bit Encoding
R/W[1:0]
Description
00
Disable
01
Read only
10
Write only
11
Read/Write
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com