Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 390Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 391Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 392Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 393Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 394Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 395Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 397Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-20
USER’S MANUAL
External memories are purchased with guaranteed access times on speed (in nano-
seconds). Table D-16 relates wait states selected by DSACK[3:0] to the memory de-
vice access time.
NOTE
Table D-16 assumes a system configuration that minimizes power
consumption and the number of chip-selects employed. Other ac-
cess techniques can provide the same access times with slower
memory devices, but require more chip-selects to be used and will
subsequently increase system power consumption.
Table D-15 DSACK Field Encoding
DSACK[3:0]
Clock Cycles Required
Per Access
Wait States Inserted
Per Access
0000
3
0
0001
4
1
0010
5
2
0011
6
3
0100
7
4
0101
8
5
0110
9
6
0111
10
7
1000
11
8
1001
12
9
1010
13
10
1011
14
11
1100
15
12
1101
16
13
1110
2
Fast Termination
1111
—
External DSACK
Table D-16 Memory Access Times at 16.78, 20.97, and 25.17 MHz
Speed
tcyc
Fast Termination Access Time
0 Wait State
1 Wait State
16.78 MHz
62.5 ns
30.0 ns
95.0 ns
155.0 ns
20.97 MHz
50.0 ns
20.0 ns
70.0 ns
120.0 ns
25.17 MHz
40.0 ns
15.0 ns
55.0 ns
95.0 ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com