Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 405 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 405 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 401Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 402Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 403Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 404Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 405Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 406Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 407Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 408Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 409Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-31
PADA[7:0] — Port ADA Data Pins
A read of PADA[7:0] returns the logic level of the port ADA pins. If an input is not at an
appropriate logic level (that is, outside the defined levels), the read is indeterminate.
Use of a port ADA pin for digital input does not preclude its simultaneous use as an
analog input.
D.5.4 ADC Control Register 0
ADCTL0 is used to select 8- or 10-bit conversions, sample time, and ADC clock fre-
quency. Writes to it have immediate effect.
RES10 — 10-Bit Resolution
0 = 8-bit conversion
1 = 10-bit conversion
Conversion results are appropriately aligned in result registers to reflect the number of
bits.
STS[1:0] — Sample Time Selection
Total conversion time is the sum of initial sample time, transfer time, final sample time,
and resolution time. Initial sample time is fixed at two ADC clocks. Transfer time is
fixed at two ADC clocks. Resolution time is fixed at ten ADC clocks for an 8-bit con-
version and twelve ADC clocks for a 10-bit conversion. Final sample time is deter-
mined by the STS[1:0] field. Refer to Table D-26.
PRS[4:0] — Prescaler Rate Selection
The ADC clock is derived from the system clock by a programmable prescaler. ADC
clock period is determined by the value of the PRS field in ADCTL0. The prescaler has
two stages. The first stage is a 5-bit modulus counter. It divides the system clock by
any value from two to 32 (PRS[4:0] = %00000 to %11111). The second stage is a di-
vide-by-two circuit. Refer to Table D-27.
ADCTL0 — ADC Control Register 0
$YFF70A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
RES10
STS[1:0]
PRS[4:0]
RESET:
0
0
0
0
0
0
1
1
Table D-26 Sample Time Selection
STS[1:0]
Sample Time
00
2 ADC Clock Periods
01
4 ADC Clock Periods
10
8 ADC Clock Periods
11
16 ADC Clock Periods
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com