Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 406 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 402Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 403Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 404Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 405Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 406Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 407Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 408Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 409Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-32
USER’S MANUAL
D.5.5 ADC Control Register 1
ADCTL1 is used to initiate an A/D conversion and to select conversion modes and a
conversion channel or channels. It can be read or written at any time. A write to
ADCTL1 initiates a conversion sequence. If a conversion sequence is already in
progress, a write to ADCTL1 aborts it and resets the SCF and CCF flags in the ADC
status register.
SCAN — Scan Mode Selection
0 = Single conversion
1 = Continuous conversions
Length of conversion sequence(s) is determined by S8CM.
MULT — Multichannel Conversion
0 = Conversion sequence(s) run on a single channel selected by [CD:CA].
1 = Sequential conversions of four or eight channels selected by [CD:CA].
Length of conversion sequence(s) is determined by S8CM.
S8CM — Select Eight-Conversion Sequence Mode
0 = Four-conversion sequence
1 = Eight-conversion sequence
This bit determines the number of conversions in a conversion sequence. Table D-28
displays the different ADC conversion modes.
Table D-27 Prescaler Output
PRS[4:0]
ADC Clock
Minimum
System Clock
Maximum
System Clock
%00000
Reserved
—
—
%00001
System Clock/4
2.0 MHz
8.4 MHz
%00010
System Clock/6
3.0 MHz
12.6 MHz
%00011
System Clock/8
4.0 MHz
16.8 MHz
……
…
…
%11101
System Clock/60
30.0 MHz
—
%11110
System Clock/62
31.0 MHz
—
%11111
System Clock/64
32.0 MHz
—
ADCTL1 — ADC Control Register 1
$YFF70C
15
7
6
5
4
3
2
1
0
NOT USED
SCAN
MULT
S8CM
CD
CC
CB
CA
RESET:
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com