Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 410 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 410 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 406Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 407Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 408Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 409Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 410Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 411Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 412Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 413Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 414Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-36
USER’S MANUAL
D.5.6 ADC Status Register
ADCSTAT contains information related to the status of a conversion sequence.
SCF — Sequence Complete Flag
0 = Sequence not complete
1 = Sequence complete
SCF is set at the end of the conversion sequence when SCAN is cleared, and at the
end of the first conversion sequence when SCAN is set. SCF is cleared when ADCTL1
is written and a new conversion sequence begins.
CCTR[2:0] — Conversion Counter
This field reflects the contents of the conversion counter pointer in either four or eight
count conversion sequence. The value corresponds to the number of the next result
register to be written, and thus indicates which channel is being converted.
CCF[7:0] — Conversion Complete Flags
Each bit in this field corresponds to an A/D result register (for example, CCF7 to
RSLT7). A bit is set when conversion for the corresponding channel is complete, and
remains set until the associated result register is read.
D.5.7 Right Justified, Unsigned Result Register
Conversion result is unsigned right-justified data. Bits [9:0] are used for 10-bit resolu-
tion. For 8-bit conversions, bits [7:0] contain data and bits [9:8] are zero. Bits [15:10]
always return zero when read.
D.5.8 Left Justified, Signed Result Register
Conversion result is signed left-justified data. Bits [15:6] are used for 10-bit resolution.
For 8-bit conversions, bits [15:8] contain data and bits [7:6] are zero. Although the ADC
is unipolar, it is assumed that the zero point is halfway between low and high reference
when this format is used (VRH –VRL/2). For positive input, bit 15 = 0. For negative in-
put, bit 15 = 1. Bits [5:0] always return zero when read.
ADCSTAT — ADC Status Register
$YFF70E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SCF
NOT USED
CCTR[2:0]
CCF[7:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
RJURR — Right-Justified, Unsigned Result Register
$YFF710–$YFF71F
15
10
9
8
7
6
5
4
3
2
1
0
NOT USED
10
10
8/10
8/10
8/10
8/10
8/10
8/10
8/10
8/10
LJSRR — Left Justified, Signed Result Register
$YFF720–$YFF72F
15
14
13
12
11
10
9
8
7
6
5
0
8/10
8/10
8/10
8/10
8/10
8/10
8/10
8/10
10
10
NOT USED
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com