Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 412 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 412 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 408Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 409Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 410Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 411Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 412Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 413Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 414Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 415Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 416Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-38
USER’S MANUAL
D.6 Queued Serial Module
D.6.1 QSM Configuration Register
QSMCR bits enable stop and freeze modes, and determine the arbitration priority of
QSM interrupt requests.
Table D-31 QSM Address Map
Address1
NOTES:
1. Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR.
15
8
7
0
$YFFC00
QSM Module Configuration Register (QSMCR)
$YFFC02
QSM Test Register (QTEST)
$YFFC04
QSM Interrupt Level Register (QILR)
QSM Interrupt Vector Register (QIVR)
$YFFC06
Not Used
$YFFC08
SCI Control 0 Register (SCCR0)
$YFFC0A
SCI Control 1 Register (SCCR1)
$YFFC0C
SCI Status Register (SCSR)
$YFFC0E
SCI Data Register (SCDR)
$YFFC10
Not Used
$YFFC12
Not Used
$YFFC14
Not Used
Port QS Data Register (PORTQS)
$YFFC16
Port QS Pin Assignment Register
(PQSPAR)
Port QS Data Direction Register (DDRQS)
$YFFC18
SPI Control Register 0 (SPCR0)
$YFFC1A
SPI Control Register 1 (SPCR1)
$YFFC1C
SPI Control Register 2 (SPCR2)
$YFFC1E
SPI Control Register 3 (SPCR3)
SPI Status Register (SPSR)
$YFFC20 –
$YFFCFF
Not Used
$YFFD00 –
$YFFD1F
Receive RAM (RR[0:F])
$YFFD20 –
$YFFD3F
Transmit RAM (TR[0:F])
$YFFD40 –
$YFFD4F
Command RAM (CR[0:F])
QSMCR — QSM Configuration Register
$YFFC00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STOP
FRZ1
FRZ0
NOT USED
SUPV
NOT USED
IARB[3:0]
RESET:
0
0
0
1
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com