Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 444 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 444 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 447Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 448Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-70
USER’S MANUAL
OC1M[5:1] — OC1 Mask Field
OC1M[5:1] correspond to OC[5:1].
0 = Corresponding output compare pin is not affected by OC1 compare.
1 = Corresponding output compare pin is affected by OC1 compare.
OC1D[5:1] — OC1 Data Field
OC1D[5:1] correspond to OC[5:1].
0 = If OC1 mask bit is set, clear the corresponding output compare pin on OC1
match.
1 = If OC1 mask bit is set, the set corresponding output compare pin on OC1
match.
D.8.6 Timer Counter Register
TCNT — Timer Counter Register
$YFF90A
TCNT is the 16-bit free-running counter associated with the input capture, output com-
pare, and pulse accumulator functions of the GPT module.
D.8.7 Pulse Accumulator Control Register/Counter
PACTL enables the pulse accumulator and selects either event counting or gated
mode. In event counting mode, PACNT is incremented each time an event occurs. In
gated mode, it is incremented by an internal clock.
PAIS — PAI Pin State (Read Only)
PAEN — Pulse Accumulator Enable
0 = Pulse accumulator disabled.
1 = Pulse accumulator enabled.
PAMOD — Pulse Accumulator Mode
0 = External event counting.
1 = Gated time accumulation.
PEDGE — Pulse Accumulator Edge Control
The effects of PAMOD and PEDGE are shown in Table D-44.
PACTL/PACNT — Pulse Accumulator Control Register/Counter
$YFF90C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PAIS
PAEN
PAMOD PEDGE PCLKS
I4/O5
PACLK[1:0]
PULSE ACCUMULATOR COUNTER
RESET:
U
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com