Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 443 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 443 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 443Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 444Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 447Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-69
IPL[2:0] — Interrupt Priority Level
This field specifies the priority level of interrupts generated by the GPT.
IVBA[3:0] — Interrupt Vector Base Address
Most significant nibble of interrupt vector numbers generated by the GPT. Refer to Ta-
ble D-43.
D.8.4 Port GP Data Direction Register/Data Register
When GPT pins are used as an 8-bit port, DDRGP determines whether pins are input
or output and PORTGP holds the 8-bit data.
DDGP[7:0] — Port GP Data Direction Register
0 = Input only
1 = Output
D.8.5 OC1 Action Mask Register/Data Register
All OC outputs can be controlled by the action of OC1. OC1M contains a mask that
determines which pins are affected. OC1D determines what the outputs are.
Table D-43 GPT Interrupt Sources
Name
Source Number
Source
Vector Number
—
0000
Adjusted Channel
IVBA : 0000
IC1
0001
Input Capture 1
IVBA : 0001
IC2
0010
Input Capture 2
IVBA : 0010
IC3
0011
Input Capture 3
IVBA : 0011
OC1
0100
Output Compare 1
IVBA : 0100
OC2
0101
Output Compare 2
IVBA : 0101
OC3
0110
Output Compare 3
IVBA : 0110
OC4
0111
Output Compare 4
IVBA : 0111
IC4/OC5
1000
Input Capture 4/Output Compare 5
IVBA : 1000
TO
1001
Timer Overflow
IVBA : 1001
PAOV
1010
Pulse Accumulator Overflow
IVBA : 1010
PAI
1011
Pulse Accumulator Input
IVBA : 1011
DDRGP/PORTGP — Port GP Data Direction Register/Data Register
$YFF906
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DDGP[7:0]
PORTGP
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
OC1M/OC1D — OC1 Action Mask Register/OC1 Action Data Register
$YFF908
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OC1M[5:1]
0
0
0
OC1D[5:1]
0
0
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com