Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 439 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 436Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 437Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 438Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 442Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 443Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-65
SIZE — Transfer Data Size
0 = 8-bit data transfer.
1 = 16-bit data transfer.
SPBR[7:0] — Serial Clock Baud Rate
The SPI uses a modulus counter to derive the SCK baud rate from the MCU system
clock. Baud rate is selected by writing a value from 2 to 255 into SPBR[7:0].
The following expressions apply to SCK baud rate:
or
Giving SPBR[7:0] a value of zero or one disables SCK (disable state determined by
CPOL). At reset, the SCK baud rate is initialized to one-eighth of the system clock
frequency.
D.7.14 SPI Status Register
SPSR contains information concerning the current serial transmission. Only the SPI
can set bits in SPSR. The CPU16 reads SPSR to obtain SPI status information and
writes it to clear status flags.
SPIF — SPI Finished Flag
0 = SPI is not finished.
1 = SPI is finished.
WCOL — Write Collision
0 = No attempt to write to the SPDR happened during the serial transfer.
1 = Write collision occurred.
Clearing WCOL is accomplished by reading the SPSR while WCOL is set and then
either reading the SPDR prior to SPIF being set, or reading or writing the SPDR after
SPIF is set.
SPSR — SPI Status Register
$YFFC3C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPIF
WCOL
0
MODF
0
0
0
0
0
0
0
0
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SCK Baud Rate
f
sys
2
SPBR[7:0]
×
-------------------------------------
=
SPBR[7:0]
f
sys
2
SCK Baud Rate Desired
×
--------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com