Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 438 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 438 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 436Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 437Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 438Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 440Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 441Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 442Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-64
USER’S MANUAL
D.7.13 SPI Control Register
The SPCR contains parameters for configuring the SPI. The register can be read or
written at any time.
SPIE — SPI Interrupt Enable
0 = SPI interrupts disabled.
1 = SPI interrupts enabled.
SPE — SPI Enable
0 = SPI is disabled.
1 = SPI is enabled.
WOMP — Wired-OR Mode for SPI Pins
0 = Outputs have normal CMOS drivers.
1 = Pins designated for output by MDDR have open-drain drivers, regardless of
whether the pins are used as SPI outputs or for general-purpose I/O, and re-
gardless of whether the SPI is enabled.
MSTR — Master/Slave Mode Select
0 = SPI is a slave device.
1 = SPI is system master.
CPOL — Clock Polarity
0 = The inactive state value of SCK is logic level zero.
1 = The inactive state value of SCK is logic level one.
CPOL is used to determine the inactive state of the serial clock (SCK). It is used with
CPHA to produce a desired clock/data relationship between master and slave devices.
CPHA — Clock Phase
0 = Data captured on the leading edge of SCK and changed on the trailing edge of
SCK.
1 = Data is changed on the leading edge of SCK and captured on the trailing edge
of SCK.
CPHA determines which edge of SCK causes data to change and which edge causes
data to be captured. CPHA is used with CPOL to produce a desired clock/data rela-
tionship between master and slave devices.
LSBF — Least Significant Bit First
0 = Serial data transfer starts with LSB.
1 = Serial data transfer starts with MSB.
SPCR — SPI Control Register
$YFFC38
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPIE
SPE
WOMP
MSTR
CPOL
CPHA
LSBF
SIZE
SPBR[7:0]
RESET:
0
0
0
0
0
0
0
1
0
0
0
0
0
1
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com