Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 434 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 434 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 436Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 437Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 438Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-60
USER’S MANUAL
or
where SCBR[12:0] is in the range of one to 8191. Writing a value of zero to SCBR dis-
ables the baud rate generator. There are 8191 different baud rates available. The
baud value depends on the value for SCBR and the system clock, as used in the equa-
tion above. Table D-41 shows possible baud rates for a 16.78-MHz system clock. The
maximum baud rate with this system clock speed is 524 kbaud.
D.7.10 SCI Control Register 1
SCCR1 contains SCI configuration parameters, including transmitter and receiver en-
able bits, interrupt enable bits, and operating mode enable bits. SCCR0 can be read
or written at any time. The SCI can modify the RWU bit under certain circumstances.
Changing the value of SCCR1 bits during a transfer operation can disrupt the transfer.
Table D-41 Examples of SCI Baud Rates
Nominal
Baud Rate
Actual
Baud Rate
Percent Error
Value of SCBR
500,00.00
524,288.00
4.86
1
38,400.00
37,449.14
–2.48
14
32,768.00
32,768.00
0.00
16
19,200.00
19,418.07
1.14
27
9,600.00
9,532.51
–0.70
55
4,800.00
4,809.98
0.21
109
2,400.00
2,404.99
0.21
218
1,200.00
1,199.74
–0.02
437
600.00
599.87
–0.02
874
300.00
299.94
–0.02
1,748
110.00
110.01
0.01
4,766
64.00
64.00
0.01
8,191
SCCR1A — SCIA Control Register 1
$YFFC1A
SCCR1B — SCIB Control Register 1
$YFFC2A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT
USED
LOOPS
WOMS
ILT
PT
PE
M
WAKE
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SCI Baud Rate
f
sys
32
SCBR[12:0]
×
--------------------------------------------
=
SCBR[12:0]
f
sys
32
SCI Baud Rate Desired
×
---------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com