Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 436Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 437Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 438Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 439Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-62
USER’S MANUAL
TE — Transmitter Enable
0 = SCI transmitter disabled (TXD pin can be used as I/O).
1 = SCI transmitter enabled (TXD pin dedicated to SCI transmitter).
RE — Receiver Enable
0 = SCI receiver disabled.
1 = SCI receiver enabled.
RWU — Receiver Wake-Up
0 = Normal receiver operation (received data recognized).
1 = Wake-up mode enabled (received data ignored until receiver is awakened).
SBK — Send Break
0 = Normal operation
1 = Break frame(s) transmitted after completion of the current frame.
D.7.11 SCI Status Register
SCSR contains flags that show SCI operating conditions. These flags are cleared ei-
ther by SCI hardware or by a read/write sequence. The sequence consists of reading
SCSR, then reading or writing SCDR.
If an internal SCI signal for setting a status bit comes after reading the asserted status
bits, but before writing or reading SCDR, the newly set status bit is not cleared. SCSR
must be read again with the bit set and SCDR must be read or written before the status
bit is cleared.
A long-word read can consecutively access both SCSR and SCDR. This action clears
receive status flag bits that were set at the time of the read, but does not clear TDRE
or TC flags. Reading either byte of SCSR causes all 16 bits to be accessed, and any
status bit already set in either byte is cleared on a subsequent read or write of SCDR.
Bits [15:9] — Not Implemented
TDRE — Transmit Data Register Empty
0 = Transmit data register still contains data to be sent to the transmit serial shifter.
1 = A new character can now be written to the transmit data register.
TC — Transmit Complete
0 = SCI transmitter is busy.
1 = SCI transmitter is idle.
SCSRA — SCIA Status Register
$YFFC1C
SCSRB — SCIB Status Register
$YFFC2C
15
9
8
7
6
5
4
3
2
1
0
NOT USED
TDRE
TC
RDRF
RAF
IDLE
OR
NF
FE
PF
RESET:
1
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com