Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 449 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 449 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 445Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 447Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 448Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 449Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 450Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 451Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 452Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 453Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-75
FOC[5:1] — Force Output Compare
FOC[5:1] correspond to OC[5:1].
0 = Has no effect.
1 = Causes pin action programmed for corresponding OC pin, but the OC flag is
not set. FOC[5:1] correspond to OC[5:1].
FPWMA/B — Force PWM Value
0 = PWM pin A/B is used for PWM functions; normal operation.
1 = PWM pin A/B is used for discrete output. The value of the F1A/B bit will be driv-
en out on the PWMA/B pin. This is true for PWMA regardless of the state of the
PPROUT bit.
PPROUT — PWM Clock Output Enable
0 = Normal PWM operation on PWMA.
1 = Clock selected by PPR[2:0] is driven out PWMA pin.
PPR[2:0] — PWM Prescaler/PCLK Select
This field selects one of seven prescaler taps or PCLK to be PWMCNT input. Refer to
Table D-49.
SFA — PWMA Slow/Fast Select
0 = PWMA period is 256 PWMCNT increments long.
1 = PWMA period is 32768 PWMCNT increments long.
SFB — PWMB Slow/Fast Select
0 = PWMB period is 256 PWMCNT increments long.
1 = PWMB period is 32768 PWMCNT increments long.
Table D-50 shows a range of PWM output frequencies using 16.78 MHz, 20.97 MHz,
and 25.17 MHz system clocks.
Table D-49 PPR[2:0] Field
PPR[2:0]
System Clock Divide-By Factor
000
2
001
4
010
8
011
16
100
32
101
64
110
128
111
PCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com