Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 450 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 450 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 446Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 447Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 448Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 449Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 450Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 451Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 452Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 453Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 454Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-76
USER’S MANUAL
F1A/B — Force Logic Level One on PWMA/B
0 = Force logic level zero output on PWMA/B pin.
1 = Force logic level one output on PWMA/B pin.
D.8.15 PWM Registers A/B
PWMA — PWM Register A
$YFF926
PWMB — PWM Register B
$YFF927
The value in these registers determines pulse width of the corresponding PWM output.
A value of $00 corresponds to continuously low output; a value of $80 to 50% duty cy-
cle. Maximum value ($FF) selects an output that is high for 255/256 of the period.
Writes to these registers are buffered by PWMBUFA and PWMBUFB.
D.8.16 PWM Count Register
PWMCNT — PWM Count Register
$YFF928
PWMCNT is the 16-bit free-running counter used for GPT PWM functions.
D.8.17 PWM Buffer Registers A/B
PWMBUFA — PWM Buffer Register A
$YFF92A
PWMBUFB — PWM Buffer Register B
$YFF92B
To prevent glitches when PWM duty cycle is changed, the contents of PWMA and
PWMB are transferred to these read-only registers at the end of each duty cycle. Re-
set state is $0000.
Table D-50 PWM Frequency Ranges
PPR
[2:0]
Prescaler Tap
SFA/B = 0
SFA/B = 1
16.78 MHz
20.97 MHz
25.17 MHz
16.78
MHz
20.97
MHz
25.17
MHz
16.78 MHz
20.97 MHz
25.17 MHz
000
Div 2 = 8.39 MHz
Div 2 = 10.5 MHz
Div 2 = 12.6 MHz
32.8 kHz
41 kHz
49.2 kHz
256 Hz
320 Hz
384 Hz
001
Div 4 = 4.19 MHz
Div 4 = 5.25 MHz
Div 4 = 6.29 MHz
16.4 kHz
20.5 kHz
24.6 kHz
128 Hz
160 Hz
192 Hz
010
Div 8 = 2.10 MHz
Div 8 = 2.62 MHz
Div 8 = 3.15 MHz
8.19 kHz
10.2 kHz
12.3 kHz
64.0 Hz
80.0 Hz
96 Hz
011
Div 16 = 1.05 MHz
Div 16 = 1.31 MHz
Div 16 = 1.57 MHz
4.09 kHz
5.15 kHz
6.13 kHz
32.0 Hz
40.0 Hz
48 Hz
100
Div 32 = 524 kHz
Div 32 = 655 kHz
Div 32 = 787 kHz
2.05 kHz
2.56 kHz
3.07 kHz
16.0 Hz
20.0 Hz
24 Hz
101
Div 64 = 262 kHz
Div 64 = 328 kHz
Div 64 = 393 kHz
1.02 kHz
1.28 kHz
1.54 kHz
8.0 Hz
10.0 Hz
12 Hz
110
Div 128 = 131 kHz
Div 128 = 164 kHz
Div 128 = 197 kHz
512 Hz
641 Hz
770 Hz
4.0 Hz
5.0 Hz
6 Hz
111
PCLK
PCLK
PCLK
PCLK/256
PCLK/256
PCLK/256
PCLK/32768
PCLK/32768
PCLK/32768
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com