Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 495Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 496Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 497Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 498Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 499Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 500Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 496 / 500 page
background image
M68HC16 Z SERIES
I-14
USER’S MANUAL
low voltage A-49
transfer
data flow 10-5
size and direction 10-11
write collision 10-12
SPI finished interrupt enable (SPIFIE) D-50
SPIF D-51, D-65
SPIFIE D-50
SPSR 10-6, D-50, D-65
SRAM
address map D-23
array address mapping 6-2
features 3-1
normal access 6-2
registers
array base address register
high (RAMBAH) 6-1
low (RAMBAL) 6-1
array base address registers
high/low (RAMBAH/BAL) D-24
module configuration register (RAMMCR) 6-1,
D-23
test register (RAMTST) 6-1, D-24
reset 6-3
standby and low-power stop operation 6-2
SS 9-20, 10-8, 10-9, 10-10, 10-12
Standard non-return to zero (NRZ) 9-2, 10-2, 10-13
Star-point ground system 8-17
Start bit (beginning of data frame) 9-25, 10-17
State machine 9-28, 10-20
STEXT 5-21, D-8
STOP 6-2, 7-3, 8-3, 9-2, 10-2, 11-3, D-23, D-25, D-30,
D-39, D-55, D-68
enable (S) 4-4, D-3
Stop
mode
external clock (STEXT) 5-21, D-8
SIM clock (STSIM) 5-21, D-8
prescaler (STOPP) D-68
SCI end of data frame bit 9-25, 10-17
STOPP 11-4, D-68
STRB (address strobe/data strobe) bit 5-40, 5-66, D-19
Stress conditions 8-18
STS D-31
STSIM 5-21, D-8
Successive approximation register (SAR) 8-13
Supervisor
/unrestricted data space (SUPV)
ADC D-30
GPT D-68
MCCI 10-3, D-55
QSM D-39
SIM 5-3, D-6
SUPV 10-3, D-6, D-30, D-39, D-55, D-68
SW D-8
SWE 5-25, D-12
SWP 5-26, D-12
SWSR D-15
SWT 5-26, D-12
Symbols 2-1
Synchronous exceptions 4-39
SYNCR 5-5, D-7
Synthesizer lock flag (SLOCK) D-8
SYPCR D-12
SYS D-8
System
clock 5-4
output (CLKOUT) 5-36
sources 5-5
frequencies
16.78 MHz 5-15
20.97 MHz 5-17
25.17 MHz 5-19
integration module.
See SIM 5-1
reset (SYS) D-8
test register
(SIMTR) D-7
E (SIMTRE) D-9
–T–
TC 9-27, 10-19, D-43, D-62
TCIE 9-28, 10-20, D-42, D-61
TCNT 11-1, 11-10, D-70
TCTL D-72
TDR 9-24
TDRE 9-27, 10-19, D-43, D-62
TE 10-4, 10-13, D-42, D-62
Test submodule reset (TST) D-8
TFLG D-74
TFLG1 11-12
TFLG2 11-10
Thermal characteristics A-5
Three-state control (TSC) 5-56
TI4/O5 D-72
TIC D-71
TIE 9-28, 10-20, D-42, D-61
Timer
counter (TCNT) 11-10
overflow
flag (TOF) 11-10, D-74
interrupt enable (TOI) bit D-73
prescaler/PCLK select (CPR) field D-73
TMSK D-72
TMSK1 11-12
TMSK2 11-10
TOC D-71
TOF D-74
TOI 11-10, D-73
TR D-52
Transfer length options 9-17
Transistion-sensitivity 5-58
Transmit
complete
(TC) flag
MCCI 10-19, D-62
QSM 9-27, D-43
interrupt enable (TCIE)
MCCI 10-20, D-61
QSM 9-28, D-42
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com