Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 493 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 494Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 495Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 496Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-11
registers
command RAM (CR) D-52
global registers 9-2
interrupt
level register (QILR) 9-2, D-39
vector register (QIVR) 9-2, D-39
test register (QTEST) 9-2
module configuration register (QSMCR) D-38
pin control registers 9-4
port QS
data
direction register (DDRQS) D-45
register (PORTQS) D-44
data direction register (DDRQS) 9-4
data register (PORTQS) 9-4
pin assignment register (PQSPAR)
D-45
QSPI
control register 0 (SPCR0) D-46
control register 1 (SPCR1) D-48
control register 2 (SPCR2) D-49
control register 3 (SPCR3) D-50
status register (SPSR) D-50
receive data RAM (RR) D-51
SCI
control register 0 (SCCR0) D-40
control register 1 (SCCR1) D-41
data register (SCDR) D-44
status register (SCSR) D-43
test register (QTEST) D-39
transmit data RAM (TR) D-52
types 9-2
SCI 9-21
operation 9-25
pins 9-25
registers 9-24
QSMCR D-38
QSPI 9-1, 9-5
block diagram 9-5
command RAM 9-8
enable (SPE) D-48
finished flag (SPIF) D-51
initialization operation 9-10
loop mode (LOOPQ) D-50
master operation flow 9-11
operating modes 9-9
master mode 9-9, 9-16
wraparound mode 9-19
slave mode 9-9, 9-20
wraparound mode 9-21
operation 9-8
peripheral chip-selects 9-21
pins 9-8
RAM 9-7
receive RAM 9-7
transmit RAM 9-7
registers 9-6
control registers 9-6
status register 9-7
timing A-46
— master, CPHA = 0/CPHA = 1 A-47
— slave, CPHA = 0/CPHA = 1 A-48
low voltage A-45
QTEST 9-2, D-39
Queue pointers
completed queue pointer (CPTQP) 9-8
end queue pointer (ENDQP) 9-8
new queue pointer (NEWQP) 9-8
Queued serial
module (QSM).
See QSM 9-1
peripheral interface (QSPI)
See QSPI. 9-1, 9-5
–R–
R/W 5-32
field 5-66, D-19
RAF D-43, D-63
RAM
array space (RASP) D-23
base address lock (RLCK) bit D-23
RAMBAH/BAL 6-1, D-24
RAMMCR 6-1, D-23
RAMTST 6-1, D-24
RASP 6-2, D-23
encoding 6-2, D-23
RC
DAC array 8-5
low pass filter 8-16
RDR 9-24
RDRF 9-28, 10-21, D-43, D-63
RE 9-28, 10-4, 10-13, 10-20, D-42, D-62
Read
/write signal (R/W) 5-32
cycle 5-37
timing diagram A-29
Receive
data
(RXD) pin — QSM 9-25
(RXDA/B) pins (MCCI) 10-17
register full (RDRF) D-43, D-63
RAM 9-7
time sample clock (RT) 9-26, 9-28, 10-18, 10-21
Receiver
active (RAF) D-43, D-63
data register (RDRF) flag 9-28, 10-21
enable (RE) 9-28, 10-4, 10-13, 10-20, D-42, D-62
interrupt enable (RIE) D-42, D-61
wakeup (RWU) 9-30, 10-22, D-42, D-62
Register bit and field mnemonics 2-3
Relative addressing modes 4-10
RES10 8-7, D-31
RESET 5-48, 5-50, 5-54, 5-55
Reset
and mode select timing A-36
exception processing 5-48
module pin function out of reset 5-52
operation in SIM 5-48
control logic 5-48
mode selection 5-49
power-on 5-55
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com