Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 490 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 490 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 493Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 494Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 500 page
background image
M68HC16 Z SERIES
I-8
USER’S MANUAL
data direction register (MDDR) 10-4
global registers
data direction register (DDRM) D-58
data direction register (MDDR) 10-2
interrupt vector register (MIVR) 10-2, D-56
module
configuration
register
(MMCR)
10-2, D-54
pin control registers
pin assignment register (MPAR) 10-2,
D-57
port
data register (PORTMC) 10-2, D-59
pin state register (PORTMCP) 10-2,
D-59
SCI
interrupt level register (ILSCI) 10-2,
D-55
SPI
interrupt level register (ILSPI) 10-2,
D-56
test register (MTEST) 10-2, D-55
pin assignment register (MPAR) 10-4
SCI
control register 0 (SCCR0A/B) 10-13, D-59
control register 1 (SCCR1A/B) 10-16, D-60
data register (SCDRA/B) 10-16, D-63
status register (SCSRA/B) 10-16, D-62
SPI
control register (SPCR) 10-6, D-64
data register (SPDR) 10-6, D-66
status register (SPSR) 10-6, D-65
types 10-2
SCI 10-13
interrupt level (ILSCIA/B) D-55
SPI 10-4
MCU
132-pin assignment package
MC68HC16Z1/CKZ1/CMZ1/Z2/Z3 3-7, B-2
MC68HC16Z4/CKZ4 3-9, B-3
144-pin assignment package
MC68HC16Z1/CKZ1/CMZ1/Z2/Z3 3-8, B-5
MC68HC16Z4/CKZ4 3-10, B-6
address maps
MC68HC16Z1/CKZ1/CMZ1 3-17
MC68HC16Z2/Z3 3-18
MC68HC16Z4/CKZ4 3-18
basic system 5-30
block diagram
MC68HC16Z1/CKZ1/CMZ1 3-4
MC68HC16Z2/Z3 3-5
MC68HC16Z4/CKZ4 3-6
components 1-1
overview 1-1
personality board (MPB) C-2
pin characteristics 3-11
power connections 3-13
signal
characteristics 3-13
function 3-15
MDDR 10-2, 10-4
Mechanical data and ordering information B-1
Memory maps
combined program and data
MC68HC16Z1/CKZ1/CMZ1 3-20
MC68HC16Z2/Z3 3-21
MC68HC16Z4/CKZ4 3-22
internal register map 3-16
separate program and data
MC68HC16Z1/CKZ1/CMZ1 3-23
MC68HC16Z2/Z3 3-24
MC68HC16Z4/CKZ4 3-25
Microcontroller Development Tools Directory (MCUDE-
VTLDIR/D Rev. 3) C-1
Microsequencer 4-35
Misaligned operand 5-35
MISO 9-16, 9-20
MIVR 10-2, D-56
MM 6-1, 7-1, D-7
MMCR 10-2, D-54
MMDS C-1
Mnemonics
range (definition) 2-6
specific (definition) 2-6
MODCLK 5-5, 5-6, 5-56
MODE 5-66, D-19
Mode
fault flag (MODF) 9-9, 10-12, D-51, D-66
select (M) D-42, D-61
MODF 9-9, D-51, D-66
Modular platform board C-2
Module
mapping (MM) bit 5-2, 6-1, 7-1, 11-2, D-1, D-7
pin functions 5-53
Modulus counter 9-26, 10-18
Monotonicity 8-1
MOSI 9-16, 9-20
MPAR 10-2, 10-4, D-57
MPB C-2
MRM 7-1
address map D-25
array address mapping 7-1
features 3-2
normal access 7-2
registers
module configuration register (MRMCR) 7-1,
D-25
ROM
array
base
address
registers
(ROM-
BAH/BAL) 7-1, D-27
bootstrap words (ROMBS) 7-1, D-28
signature registers (RSIGHI/LO) 7-1, D-27
reset 7-3
ROM signature 7-3
MRMCR 7-1, D-25
MSB 2-6
MSTR 10-7, 10-8, D-46
MSTRST (master reset) 5-48, 5-55, 5-56, 5-57
MSW 2-6
MTEST 10-2, D-55
MULT D-32
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com