Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 489 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 489 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 492Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 493Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-7
Instruction
execution model 4-35
fetches 4-7
pipeline 4-35
set for CPU16 4-11
timing 4-36
Intermodule bus (IMB) 3-2, 11-1
Internal
bus
error (BERR) 5-24, 5-25
monitor 5-24
register map 3-16
VCO frequency 5-8
Interrupt
acknowledge
and arbitration 5-59
bus cycles 5-61
arbitration 5-3, 9-3, 11-6
IARB field
GPT D-68
MCCI D-55
QSM D-39
SIM 5-59, D-7
exception processing 5-58
level (IL)
for QSPI (ILQSPI) D-40
for SCI (ILSCI) D-40
priority
adjust (IPA) D-68
and recognition 5-58
level field (IPL) 5-67, D-21
mask (IP) field 4-4, 5-58, 9-3, 11-6, D-3
processing summary 5-60
vector D-56
number 9-3, 11-6
field (INTV) D-40
Interrupts
GPT 11-5
MCCI 10-3
QSM 9-3
SIM 5-58
Inter-transfer delay 9-6
INTV D-40, D-56
IOUT 8-19
IP 4-4, 9-3, D-3
IPA D-68
IPIPE0 4-43
IPIPE1 4-43
IPIPE1/0 5-53
IPL D-21
IRQ 5-58, 5-60
ISB 6-3
IX 4-3
IY 4-3
IZ 4-3
–J–
Junction leakage 8-23
–L–
Leakage error 8-23
Length of delay after transfer (DTL) D-49
Level-sensitivity 5-58
LJSRR D-36
LJURR D-37
LOC D-8
LOCK 7-3, D-26
Lock registers (LOCK) D-26
Logic
analyzer pod connectors C-2
levels (definition) 2-6
Loop mode (LOOPS) D-41, D-61
LOOPQ D-50
LOOPS D-41, D-61
Loss of clock reset (LOC) D-8
Low-power
broadcast cycle 5-42
CPU space cycle 5-42
interrupt mask level 5-42
operation — SIM 5-29
stop mode enable (STOP)
ADC 8-3, D-30
GPT 11-3, D-68
MCCI 10-2, D-55
MRM 7-3, D-25
QSM 9-2, D-39
SRAM 6-2, D-23
LPSTOP 5-21, 5-29
LSB 2-6
LSBF 10-11
LSW 2-6
–M–
M 9-25, 10-18, D-42, D-61
M68HC11 instructions compared to CPU16 instructions
4-31
M68HC16Z1EVB evaluation board E-1
M68MEVB1632 modular evaluation board (MEVB) C-2
M68MMDS1632 modular development system (MMDS)
C-1
MAC 4-5, 4-9, 4-45
Masked ROM module (MRM).
See MRM 7-1
Master/slave mode select (MSTR) D-46
Maximum ratings (electricals) A-1
MCCI
address map D-54
address map information 10-2
block diagram 10-1
features 3-2
general 10-1
general-purpose I/O 10-4
initialization 10-23
interrupts 10-3
pin function D-58
reference manual 10-1
registers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com