Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 485 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 481Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 482Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 483Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 484Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-3
reset operation 5-69
signals for interrupt acknowledge 5-68
timing diagram A-36
Clear (definition) 2-6
CLI 4-37
Clipping errors 8-16
CLKOUT 5-36, 5-48
output timing diagram A-28
CLKRST (clock reset) 5-48
CLO 4-37
Clock
ADC 8-6
control multipliers
16.78 MHz 5-9
20.97 MHz 5-11
25.17 MHz 5-13
frequency (calculation) D-7
mode
pin (MODCLK) 5-52
selection 5-52
modes
fast reference option (4.194 MHz) 5-4, 5-5
slow reference option (32.768 kHz) 5-4, 5-5
output (CLKOUT) 5-36
phase (CPHA) 10-8, D-47
= 0 transfer format 10-9
= 1 transfer format 10-10
polarity (CPOL) 10-8, D-47
synthesizer
operation 5-6
timing
16.78 MHz A-7
20.97 MHz A-8
25.17 MHz A-9
low voltage A-6
Closed-loop control routines 4-45
CLP 4-37
CLT 4-37
Coherency 11-10, 11-12
Combined program and data space map
MC68HC16Z1/CKZ1/CMZ1 3-20
MC68HC16Z2/Z3 3-21
MC68HC16Z4/CKZ4 3-22
Command RAM 9-8
Comparator 8-6
Completed queue pointer (CPTQP) D-51
Condition code register (CCR) 4-4, 11-6
CONT D-52
Contention 5-60
Continue (CONT) D-52
Continuous transfer mode 9-6
Conventions 2-6
Conversion
complete flags (CCF) D-36
control logic 8-7
modes 8-8
multiple-channel conversions 8-11
parameters 8-8
single-channel conversions 8-10
counter (CCTR) D-36
timing 8-12
CPHA 9-17, 10-8, 10-9, 10-10, D-47
CPOL 9-17, 10-8, D-47
CPR D-73
CPROUT 11-10, D-73
CPTQP 9-8, D-51
CPU space 5-68
address encoding 5-41
cycles 5-40, 5-68
encoding for interrupt acknowledge 5-68
CPU16 4-1
accumulators 4-3
address extension register 4-5
addressing modes 4-8
accumulator offset 4-10
extended 4-10
immediate 4-9
indexed 4-10
inherent 4-10
post-modified index 4-10
relative 4-10
breakpoints 4-41
compatibility with M68HC11 4-1
condition code register (CCR) 4-4
data types 4-6
extension fields 4-6
features 3-1
general information 4-1
index registers 4-3
instruction 4-11
comparison to M68HC11 4-31
execution model 4-34
set
abbreviations and symbols 4-30
summary 4-12
timing 4-36
levels of interrupt priority 5-58
memory
management 4-5
organization 4-7
program counter (PC) 4-3
reference manual 4-1
register model 4-2, D-2
registers
condition code register (CCR) D-3
mnemonics 2-2
multiply and accumulate (MAC) registers 4-5
stack pointer (SP) 4-3
CR D-52
CREG D-22
Cross-correlation 4-45
CSBAR D-17
CSBARBT D-17
CSBOOT 5-57, 5-63, 5-65, 5-66, 5-69, 5-70, 7-3
reset values 5-70
CSOR D-18
CSORBT D-18
CSPAR0/1 D-15
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com