Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 486 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 482Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 483Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 484Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 500 page
background image
M68HC16 Z SERIES
I-4
USER’S MANUAL
–D–
DAC capacitor array (CDAC) 8-22
DATA 5-31
Data
and size acknowledge (DSACK).
See DSACK 5-24
bus
mode selection 5-50
signals (DATA) 5-31
frame 9-25, 10-17
multiplexer 5-35
strobe (DS).
See DS 5-31
DATA (definition) 2-6
DC characteristics
16.78 MHz A-12
20.97 MHz A-14
25.17 MHz A-16
low voltage, 16.78 MHz A-10
DDRE 5-70, D-9
DDRF 5-70, D-11
DDRGP 11-8, 11-14, D-69
DDRM D-58
DDRQS 9-4, 9-16, 9-20, D-45
Delay
after transfer (DT) 9-18, D-53
before SCK (DSCKL) D-49
Designated CPU space 5-32
Design-Net database B-8
Development
support for CPU16 4-40
tools and support C-1
Digital
control subsystem 8-6
signal processing (DSP) 4-45
Divider/counter 5-6
Double
-buffered 9-27, 9-28, 10-19, 10-20
bus fault 5-45
DREG D-22
Driver types 3-12
DS 4-41, 5-31, 5-37, 5-40, 5-45, 5-47, 5-51
DSACK 5-24, 5-32, 5-37, 5-41, 5-43, 5-54, 5-60, 5-65,
5-66, 5-67, 5-68
external/internal generation 5-40
option fields 5-40
signal effects 5-34
source specification in asynchronous mode 5-66,
D-19
DSCK D-53
DSCKL D-49
DSCLK 4-44, 5-53
DSI 5-53
DSO 5-53
DSP 4-45
DT D-53
DTL D-49
Dynamic bus sizing 5-33
–E–
EBI 5-60
ECLK 5-21
bus timing
16.78 MHz A-41
20.97 MHz A-42
25.17 MHz A-43
low voltage A-40
output timing diagram A-28
timing diagram A-44
EDGE D-72
Edge-detection logic 11-12
EDGExA/B 11-12
EDIV 5-21, D-8
EK 4-5
Electrical characteristics A-1
EMUL D-26
Emulation mode control (EMUL) D-26
Ending queue pointer (ENDQP) D-50
ENDQP 9-8, D-50
EQUATES.ASM E-2
Error
conditions 9-28, 10-21
detection circuitry 9-2
EV 4-4
Event counting mode 11-15
Exception
asynchronous 4-39
definition 4-37
multiple 4-40
processing 5-48
sequence 4-39
stack frame 4-38
format 4-38
synchronous 4-39
types 4-39
vector 4-37, 5-48
table 4-38
Execution
process 4-36
unit 4-35
EXOFF D-6
EXT D-8
EXTAL 5-5, 5-56
Extended addressing modes 4-10
Extension
bit overflow flag (EV) 4-4
field (SK) 4-3
fields 4-6
External
bus
arbitration 5-46
clock
division bit (EDIV) 5-21, D-8
operation during LPSTOP 5-21
signal (ECLK) 5-21
interface (EBI) 5-29
control signals 5-31
circuit settling time 8-23
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com