Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 487 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 483Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 484Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-5
clock
input signal (PCLK) 11-1
input timing diagram A-28
off (EXOFF) bit D-6
leakage 8-23
multiplexing of analog signal sources 8-20
reset (EXT) D-8
EXTRST (external reset) 5-55
–F–
F1A/B D-76
F1x bits 11-8
Factory test 5-71
Fast
mode 11-17
reference 5-4
reference circuit 5-5
termination cycles 5-36, 5-39
read cycle timing diagram A-31
write cycle timing diagram A-32
FC 5-32
FE 9-28, 10-21, D-44, D-63
Ferrite beads 8-14
flimp 5-55
FOC 11-14, D-75
Force
compare bits (FOC) 11-14
logic level one on
PWMA/B (F1A/B) bit D-76
output compare (FOC) bit D-75
FPWMx 11-8
Frame 9-25, 10-17
size 9-29, 10-21
Framing error (FE) flag 9-28, 10-21, D-44, D-63
Free-running counter (TCNT) 11-1
FREEZE 4-43
assertion response (FRZ)
ADC 8-4, D-30
GPT 11-3, D-68
QSM 9-3, D-39
SIM 5-3
bus monitor (FRZBM) 5-3, D-6
software enable (FRZSW) 5-3, D-6
fref 5-5, 5-7
Frequency control bits
counter (Y) D-8
prescaler (X) D-8
VCO (W) D-8
FRZ 8-4, 11-3, D-30, D-39, D-68
FRZBM 5-3, D-6
FRZSW 5-3, D-6
fsys 5-5, D-7
F-term encoding 5-40
Function code (FC) signals 5-32, 5-40
fVCO 5-7
–G–
Gain 8-19
Gated time accumulation mode 11-15
General-purpose timer (GPT).
See GPT 11-1
GPT
address map D-67
block diagram 11-2
capture/compare unit 11-10
block diagram 11-11
features 3-2
general
information 11-1
-purpose I/O 11-8
interrupt sources 11-6, D-69
interrupts 11-5
pins 11-7
polled and interrupt-driven operation 11-4
prescaler 11-8
pulse
accumulator 11-14
block diagram 11-15
-width modulation
unit (PWM) 11-16
block diagram 11-17
counter 11-18
reference manual 11-1
registers 11-2
capture/compare registers
action
data register (OC1D) 11-14
mask register (OC1M) 11-14
timer
compare
force
register
(CFORC)
11-13, 11-14, D-74
interrupt flag register 2 (TFLG2) 11-10
input
capture
4/output
compare
5
registers
(TI4/O5) D-72
capture registers (TIC) D-71
interrupt
configuration register (ICR) D-68
control registers
timer interrupt mask registers (TMSK)
11-10, 11-12
module
configuration register (GPTMCR) D-67
test register (GPTMTR) D-68
OC1 action
data register (OC1D) D-69
mask register (OC1M) D-69
output compare registers (TOC) D-71
parallel I/O registers
port GP data
direction
register
(DDRGP)
11-8,
11-14, D-69
register (PORTGP) 11-8, D-69
prescaler register (PRESCL) D-77
pulse
accumulator registers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com