Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 488 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 488 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 484Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 487Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 488Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 489Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 490Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 491Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 492Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 500 page
background image
M68HC16 Z SERIES
I-6
USER’S MANUAL
control register (PACTL) 11-8, 11-14,
11-16, D-70
counter register (PACNT) 11-14, D-70
-width modulation registers
counter register (PWMCNT) 11-18
PWM
buffer registers (PWMBUFA/PWMBUFB)
D-76
control register C (PWMC) D-74
count register (PWMCNT) D-76
registers A/B (PWMA/PWMB) D-76
status registers
timer interrupt
flag register 1 (TFLG1) 11-12
timer
control registers (TCTL) D-72
counter register (TCNT) D-70
interrupt
flag registers (TFLG) D-74
mask registers (TMSK) D-72
single-step mode 11-4
special operation modes 11-3
status flags 11-5
test mode 11-4
timer counter register (TCNT) 11-2
GPTMCR D-67
GPTMTR D-68
Grounding 8-17
–H–
H 4-4, D-3
Half carry flag (H) 4-4, D-3
HALT 5-25, 5-33, 5-37, 5-43, 5-45
Halt
acknowledge flag (HALTA) D-51
monitor
enable (HME) 5-25, D-13
reset (HLT) D-8
operation 5-45
negating/reasserting 5-45
QSPI (HALT) D-51
HALT QSPI D-51
HALTA D-51
HALTA/MODF interrupt enable (HMIE) bit D-51
Handshaking 5-36
Hardware breakpoints 5-41
HCMOS 1-2
High-density complementary metal-oxide semiconductor
(HCMOS) 1-2
HLT D-8
HME 5-25, D-13
HMIE D-51
Hysteresis 5-59, 11-8
–I–
I4/O5 11-14, D-71, D-73
I4/O5F D-74
IARB
GPT 11-6, D-68
MCCI 10-3, D-55
QSM 9-3, D-39
SIM 5-3, 5-59, D-7
IC4 11-14
ICD16/ICD32 C-2
ICF D-74
ICI D-73
ICR D-68
IDD 5-54
IDLE 9-29, 10-21, D-43, D-63
Idle
frame 9-25, 10-17
-line
detect type (ILT) D-42, D-61
detected (IDLE) 9-29, 10-21, D-43, D-63
detection process 9-29, 10-21
interrupt enable (ILIE) 9-29, 10-22, D-42, D-61
type (ILT) 10-21
type (ILT) bit 9-29
IIN 8-19
ILIE 9-29, 10-22, D-42, D-61
ILQSPI D-40
ILSCI 10-2, D-40, D-55
ILSCIA/B D-55
ILSPI 10-2, D-56, D-57
ILT 9-29, 10-21, D-42, D-61
IMB 11-1
IMM16 4-9
IMM8 4-9
Immediate addressing modes 4-9
Impedance 8-21
In-circuit debugger (ICD16/ICD32) C-2
INCP D-68
Increment prescaler (INCP) D-68
Indexed addressing modes 4-10
Inductors 8-14
Inherent addressing modes 4-10
Initialization programs E-1
INITRAM.ASM E-11
INITSCI.ASM E-12
INITSYS.ASM E-11
Input
capture
(IC) pins 11-7
/output compare (IC4/OC5) pin 11-7
4/output compare 5 11-14
(I4/O5) bit D-71
flag (I4/O5F) D-74
interrupt enable bit (I4/O5) D-73
conditioning signals 11-12
edge control bit field (EDGE) D-72
flags (ICF) D-74
functions 11-10
interrupt
enable (ICI) bit D-73
logic 11-12
timing example 11-13
leakage errors 8-23
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com