Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 137Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 138Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 139Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 140Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 141Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-32
USER’S MANUAL
5.5.1.5 Read/Write Signal
The read/write signal (R/W) determines the direction of the transfer during a bus cycle.
This signal changes state, when required, at the beginning of a bus cycle, and is valid
while AS is asserted. R/W only transitions when a write cycle is preceded by a read
cycle or vice versa. The signal may remain low for two consecutive write cycles.
5.5.1.6 Size Signals
Size signals (SIZ[1:0]) indicate the number of bytes remaining to be transferred during
an operand cycle. They are valid while AS is asserted. Table 5-13 shows SIZ0 and
SIZ1 encoding.
5.5.1.7 Function Codes
The CPU generates function code signals (FC[2:0]) to indicate the type of activity oc-
curring on the data or address bus. These signals can be considered address exten-
sions that can be externally decoded to determine which of eight external address
spaces is accessed during a bus cycle.
Because the CPU16 always operates in supervisor mode (FC2 = 1), address spaces
0 to 3 are not used. Address space 7 is designated CPU space. CPU space is used
for control information not normally associated with read or write bus cycles. Function
codes are valid while AS is asserted. Table 5-14 shows address space encoding.
5.5.1.8 Data Size Acknowledge Signals
During normal bus transfers, external devices assert the data size acknowledge sig-
nals (DSACK[1:0]) to indicate port width to the MCU. During a read cycle, these sig-
nals tell the MCU to terminate the bus cycle and to latch data. During a write cycle, the
signals indicate that an external device has successfully stored data and that the cycle
can terminate. DSACK[1:0] can also be supplied internally by chip-select logic. Refer
to 5.9 Chip-Selects for more information.
Table 5-13 Size Signal Encoding
SIZ1
SIZ0
Transfer Size
0
1
Byte
1
0
Word
1
1
3 Byte
0
0
Long Word
Table 5-14 Address Space Encoding
FC2
FC1
FC0
Address Space
1
0
0
Reserved
1
0
1
Data space
1
1
0
Program space
1
1
1
CPU space
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com