Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 137Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 138Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-29
The PIRQL field is compared to the CPU16 interrupt priority mask to determine wheth-
er the interrupt is recognized. Table 5-12 shows PIRQL[2:0] priority values. Because
of SIM hardware prioritization, a PIT interrupt is serviced before an external interrupt
request of the same priority. The periodic timer continues to run when the interrupt is
disabled.
The PIV field contains the periodic interrupt vector. The vector is placed on the IMB
when an interrupt request is made. The vector number is used to calculate the address
of the appropriate exception vector in the exception vector table. The reset value of
the PIV field is $0F, which corresponds to the uninitialized interrupt exception vector.
5.4.8 Low-Power STOP Operation
When the CPU16 executes the LPSTOP instruction, the current interrupt priority mask
is stored in the clock control logic, internal clocks are disabled according to the state
of the STSIM bit in the SYNCR, and the MCU enters low-power stop mode. The bus
monitor, halt monitor, and spurious interrupt monitor are all inactive during low-power
stop.
During low-power stop mode, the clock input to the software watchdog timer is dis-
abled and the timer stops. The software watchdog begins to run again on the first rising
clock edge after low-power stop mode ends. The watchdog is not reset by low-power
stop mode. A service sequence must be performed to reset the timer.
The periodic interrupt timer does not respond to the LPSTOP instruction, but continues
to run during LPSTOP. To stop the periodic interrupt timer, PITR must be loaded with
a zero value before the LPSTOP instruction is executed. A PIT interrupt, or an external
interrupt request, can bring the MCU out of the low-power stop mode if it has a higher
priority than the interrupt mask value stored in the clock control logic when low-power
stop mode is initiated. LPSTOP can be terminated by a reset.
5.5 External Bus Interface
The external bus interface (EBI) transfers information between the internal MCU bus
and external devices. Figure 5-10 shows a basic system with external memory and
peripherals.
Table 5-12 Periodic Interrupt Priority
PIRQL[2:0]
Priority Level
000
Periodic Interrupt Disabled
001
Interrupt priority level 1
010
Interrupt priority level 2
011
Interrupt priority level 3
100
Interrupt priority level 4
101
Interrupt priority level 5
110
Interrupt priority level 6
111
Interrupt priority level 7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com