Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-26
USER’S MANUAL
Both writes must occur before time-out in the order listed. Any number of instructions
can be executed between the two writes.
Watchdog clock rate is affected by the software watchdog prescale (SWP) bit and the
software watchdog timing (SWT[1:0]) field in SYPCR.
SWP determines system clock prescaling for the watchdog timer and determines that
one of two options, either no prescaling or prescaling by a factor of 512, can be select-
ed. The value of SWP is affected by the state of the MODCLK pin during reset, as
shown in Table 5-9. System software can change SWP value.
SWT[1:0] selects the divide ratio used to establish the software watchdog time-out
period.
The following equation calculates the time-out period for a slow reference frequency,
where fref is equal to the EXTAL crystal frequency.
The following equation calculates the time-out period for a fast reference frequency,
where fref is equal to the EXTAL crystal frequency.
The following equation calculates the time-out period for an externally input clock fre-
quency on both slow and fast reference frequency devices, when fsys is equal to the
system clock frequency.
Table 5-10 shows the divide ratio for each combination of SWP and SWT[1:0] bits.
When SWT[1:0] are modified, a watchdog service sequence must be performed be-
fore the new time-out period can take effect.
Table 5-9 MODCLK Pin and SWP Bit During Reset
MODCLK
SWP
0 (External Clock)
1 (
÷ 512)
1 (Internal Clock)
0 (
÷ 1)
Time-Out Period
Divide Ratio Specified by SWP and SWT[1:0]
f
ref
------------------------------------------------------------------------------------------------------------------------
=
Time-Out Period
128
() Divide Ratio Specified by SWP and SWT[1:0]
(
)
f
ref
--------------------------------------------------------------------------------------------------------------------------------------------
=
Time-Out Period
Divide Ratio Specified by SWP and SWT[1:0]
f
sys
------------------------------------------------------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com