Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-23
Figure 5-7 SIML LPSTOP Flowchart
SET UP INTERRUPT
TO WAKE UP MCU
FROM LPSTOP
LEAVE IMBCLK1
ON IN LPSTOP?
NO
YES
SET STOP BITS FOR
MODULES THAT WILL
NOT BE ACTIVE IN
LPSTOP
SET STCPU2 = 1
fimbclk = fsys
IN LPSTOP
SET STCPU2 = 0
fimbclk = 0 Hz
IN LPSTOP
USING
EXTERNAL CLOCK?
NO
YES
USE SYSTEM CLOCK
AS SIMCLK IN LPSTOP?
NO
YES
SET STSIM = 1
fsimclk
3 = f
sys
IN LPSTOP
WANT CLKOUT
ON IN LPSTOP?
NO
YES
NO
YES
WANT CLKOUT
ON IN LPSTOP?
SET STSIM = 0
fsimclk
3 = f
ref
IN LPSTOP
SET STEXT = 1
fclkout
4 = f
sys
feclk = ÷ fsys
IN LPSTOP
SET STEXT = 0
fclkout
4 = 0 Hz
feclk = ÷ 0 Hz
IN LPSTOP
SET STEXT = 1
fclkout
4 = f
ref
feclk = ÷ 0 Hz
IN LPSTOP
SET STEXT = 0
fclkout
4 = 0 Hz
feclk = ÷ 0 Hz
IN LPSTOP
ENTER LPSTOP
NOTES:
1. IMBCLK IS THE CLOCK USED BY THE CPU16L, SIML, ADC, MCCI, AND THE GPT.
2. WHEN STCPU = 1, THE CPU16L IS SHUT DOWN IN LPSTOP. ALL OTHER MODULES WILL REMAIN ACTIVE UNLESS
THE STOP BITS IN THEIR MODULE CONFIGURATION REGISTERS ARE SET PRIOR TO ENTERING LPSTOP.
3. THE SIMCLK IS USED BY THE PIT, IRQ, AND INPUT BLOCKS OF THE SIML.
4. CLKOUT CONTROL DURING LPSTOP IS OVERRIDDEN BY THE EXOFF BIT IN SIMCR. IF EXOFF = 1, THE CLKOUT
PIN IS ALWAYS IN A HIGH-IMPEDANCE STATE AND STEXT HAS NO EFFECT IN LPSTOP. IF EXOFF = 0, CLKOUT
IS CONTROLLED BY STEXT IN LPSTOP. WHEN STCPU = 1, THE CPU16L IS DISABLED IN LPSTOP, BUT ALL OTHER
MODULES REMAIN ACTIVE OR STOPPED ACCORDING TO THE SETTING.
SIML LPSTOP FLOWCHART
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com