Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-22
USER’S MANUAL
NOTE
The internal oscillator which supplies the input frequency for the PLL
always runs when a crystal is used.
Figure 5-6 SIM LPSTOP Flowchart
USING
EXTERNAL CLOCK?
NO
YES
USE SYSTEM CLOCK
AS SIMCLK IN LPSTOP?
NO
YES
SET STSIM = 1
fsimclk
1 = f
sys
IN LPSTOP
WANT CLKOUT
ON IN LPSTOP?
NO
YES
NO
YES
WANT CLKOUT
ON IN LPSTOP?
SET STSIM = 0
fsimclk
1 = f
ref
IN LPSTOP
SET STEXT = 1
fclkout
2 = f
sys
feclk = ÷ fsys
IN LPSTOP
SET STEXT = 0
fclkout
2 = 0 Hz
feclk = 0 Hz
IN LPSTOP
SET STEXT = 1
fclkout
2 = f
ref
feclk = 0 Hz
IN LPSTOP
SET STEXT = 0
fclkout
2 = 0 Hz
feclk = 0 Hz
IN LPSTOP
ENTER LPSTOP
NOTES:
1. THE SIMCLK IS USED BY THE PIT, IRQ, AND INPUT BLOCKS OF THE SIM.
2. CLKOUT CONTROL DURING LPSTOP IS OVERRIDDEN BY THE EXOFF BIT IN SIMCR. IF EXOFF = 1, THE CLKOUT
PIN IS ALWAYS IN A HIGH-IMPEDANCE STATE AND STEXT HAS NO EFFECT IN LPSTOP. IF EXOFF = 0, CLKOUT
IS CONTROLLED BY STEXT IN LPSTOP.
SET UP INTERRUPT
TO WAKE UP MCU
FROM LPSTOP
SIM LPSTOPFLOW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com