Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 145Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 146Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 147Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 148Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 149Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 150Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 151Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 152Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-43
Figure 5-16 LPSTOP Interrupt Mask Level
5.6.5 Bus Exception Control Cycles
An external device or a chip-select circuit must assert at least one of the DSACK[1:0]
signals or the AVEC signal to terminate a bus cycle normally. Bus exception control
cycles are used when bus cycles are not terminated in the expected manner. There
are two sources of bus exception control cycles.
• Bus error signal (BERR)
— When neither DSACK nor AVEC is asserted within a specified period after as-
sertion of AS, the internal bus monitor asserts internal BERR.
— The spurious interrupt monitor asserts internal BERR when an interrupt re-
quest is acknowledged and no IARB contention occurs. BERR assertion termi-
nates a cycle and causes the MCU to process a bus error exception.
— External devices can assert BERR to indicate an external bus error.
• Halt signal (HALT)
— HALT can be asserted by an external device to cause single bus cycle opera-
tion. HALT is typically used for debugging purposes.
To control termination of a bus cycle for a bus error condition properly, DSACK, BERR,
and HALT must be asserted and negated synchronously with the rising edge of
CLKOUT. This ensures that setup time and hold time requirements are met for the
same falling edge of the MCU clock when two signals are asserted simultaneously.
Refer to APPENDIX A ELECTRICAL CHARACTERISTICS for more information. Ex-
ternal circuitry that provides these signals must be designed with these constraints in
mind, or the internal bus monitor must be used.
Table 5-17 is a summary of the acceptable bus cycle terminations for asynchronous
cycles in relation to DSACK assertion.
LPSTOP MASK LEVEL
15
8
7
0
IP MASK
14
13
12
11
10
9
6
5
4
3
2
1
000
0000000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com