Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 148Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 149Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 150Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 151Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 152Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 153Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 154Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 155Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-46
USER’S MANUAL
The halt operation has no effect on bus arbitration. However, when external bus arbi-
tration occurs while the MCU is halted, address and control signals go into a high-im-
pedance state. If HALT is still asserted when the MCU regains control of the bus,
address, function code, size, and read/write signals revert to the previous driven
states. The MCU cannot service interrupt requests while halted.
5.6.6 External Bus Arbitration
The MCU bus design provides for a single bus master at any one time. Either the MCU
or an external device can be master. Bus arbitration protocols determine when an ex-
ternal device can become bus master. Bus arbitration requests are recognized during
normal processing, HALT assertion, and when the CPU has halted due to a double
bus fault.
The bus controller in the MCU manages bus arbitration signals so that the MCU has
the lowest priority. External devices that need to obtain the bus must assert bus arbi-
tration signals in the sequences described in the following paragraphs.
Systems that include several devices that can become bus master require external cir-
cuitry to assign priorities to the devices, so that when two or more external devices at-
tempt to become bus master at the same time, the one having the highest priority
becomes bus master first. The protocol sequence is:
1. An external device asserts the bus request signal (BR).
2. The MCU asserts the bus grant signal (BG) to indicate that the bus is available.
3. An external device asserts the bus grant acknowledge (BGACK) signal to indi-
cate that it has assumed bus mastership.
BR can be asserted during a bus cycle or between cycles. BG is asserted in response
to BR. To guarantee operand coherency, BG is only asserted at the end of operand
transfer.
If more than one external device can be bus master, required external arbitration must
begin when a requesting device receives BG. An external device must assert BGACK
when it assumes mastership, and must maintain BGACK assertion as long as it is bus
master.
Two conditions must be met for an external device to assume bus mastership. The de-
vice must receive BG through the arbitration process, and BGACK must be inactive,
indicating that no other bus master is active. This technique allows the processing of
bus requests during data transfer cycles.
BG is negated a few clock cycles after BGACK transition. However, if bus requests are
still pending after BG is negated, the MCU asserts BG again within a few clock cycles.
This additional BG assertion allows external arbitration circuitry to select the next bus
master before the current master has released the bus.
Refer to Figure 5-17, which shows bus arbitration for a single device. The flowchart
shows BR negated at the same time BGACK is asserted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com