Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 175Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 176Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 177Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 178Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 179Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 180Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 181Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 182Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 500 page
background image
M68HC16 Z SERIES
STANDBY RAM MODULE
USER’S MANUAL
6-1
SECTION 6
STANDBY RAM MODULE
The standby RAM (SRAM) module consists of a fixed-location control register block
and an array of fast (two clock) static RAM that may be mapped to a user specified
location in the system memory map. Array size depends on the M68HC16, M68CK16,
and M68CM16 Z-series version. Refer to Table 6-1 for appropriate SRAM array size.
The SRAM is especially useful for system stacks and variable storage.
The SRAM can be mapped to any address that is a multiple of the array size so long
as SRAM boundaries do not overlap the module control registers (overlap makes the
registers inaccessible). Data can be read/written in bytes, words or long words. SRAM
is powered by VDD in normal operation. During power-down, SRAM contents can be
maintained by power from the VSTBY input. Power switching between sources is auto-
matic.
6.1 SRAM Register Block
There are four SRAM control registers: the RAM module configuration register (RAM-
MCR), the RAM test register (RAMTST), and the RAM array base address registers
(RAMBAH/RAMBAL).
The module mapping bit (MM) in the SIM configuration register (SIMCR) defines the
most significant bit (ADDR23) of the IMB address for each M68HC16, M68CK16, and
M68CM16 Z-series module. Because ADDR[23:20] are driven to the same value as
ADDR19, MM must be set to one. If MM is cleared, IMB modules are inaccessible. For
more information about how the state of MM affects the system, refer to 5.2.1 Module
Mapping.
The SRAM control register consists of eight bytes, but not all locations are implement-
ed. Unimplemented register addresses are read as zeros, and writes have no effect.
Refer to D.3 Standby RAM Module for the register block address map and register
bit/field definitions.
Table 6-1 SRAM Configuration
Z-Series Device
Array Size
MC68HC16Z1
MC68CK16Z1
MC68CM16Z1
MC68HC16Z4
MC68CK16Z4
1 Kbyte
MC68HC16Z2
2 Kbytes
MC68HC16Z3
4 Kbytes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com