Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 179Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 180Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 181Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 182Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 183Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 184Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 185Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 186Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 500 page
background image
M68HC16 Z SERIES
MASKED ROM MODULE
USER’S MANUAL
7-1
SECTION 7
MASKED ROM MODULE
The masked ROM module (MRM) is only available with the MC68HC16Z2 and the
MC68HC16Z3. The MRM consists of a fixed-location control register block and an 8-
Kbyte mask-programmed read-only memory array that can be mapped to any 8-Kbyte
boundary in the system memory map. The MRM can be programmed to insert wait
states to match slower external development memory. Access time depends upon the
number of wait states specified, but can be as fast as two clock cycles. The MRM can
be used for program accesses only, or for program and data accesses. Data can be
read in bytes, words or long words. The MRM can be configured to support system
bootstrap during reset.
7.1 MRM Register Block
There are three MRM control registers: the masked ROM module configuration regis-
ter (MRMCR), and the ROM array base address registers (ROMBAH and ROMBAL).
In addition, the MRM register block contains the signature registers (RSIGHI and
RSIGLO), and ROM bootstrap words (ROMBS[0:3]).
The module mapping bit (MM) in the SIM configuration register (SIMCR) defines the
most significant bit (ADDR23) of the IMB address for each M68HC16, M68CK16, and
M68CM16 Z-series module. Because ADDR[23:20] are driven to the same value as
ADDR19, MM must be set to one. If MM is cleared, IMB modules are inaccessible. For
more information about how the state of MM affects the system, refer to 5.2.1 Module
Mapping.
The MRM control register block consists of 32 bytes, but not all locations are imple-
mented. Unimplemented register addresses are read as zeros, and writes have no ef-
fect. Refer to D.4 Masked ROM Module for the register block address map and
register bit/field definitions.
7.2 MRM Array Address Mapping
Base address registers ROMBAH and ROMBAL are used to specify the ROM array
base address in the memory map. Although the base address loaded into ROMBAH
and ROMBAL during reset is mask-programmed as user-specified, these registers
can be written after reset to change the default array address if the base address lock
bit (LOCK in MRMCR) is not masked to a value of one.
NOTE
In the CPU16, ADDR[23:20] follow the logic state of ADDR19. The
MRM array must not be mapped to addresses $7FF000–$7FFFFF,
which are inaccessible to the CPU16. If mapped to these addresses,
the array remains inaccessible until a reset occurs, or it is remapped
outside of this range.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com