Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 181Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 182Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 183Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 184Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 185Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 186Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 187Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 188Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 500 page
background image
M68HC16 Z SERIES
MASKED ROM MODULE
USER’S MANUAL
7-3
Refer to 5.6 Bus Operation for more information concerning access times.
7.5 Low-Power Stop Mode Operation
Low-power stop mode minimizes MCU power consumption. Setting the STOP bit in
MRMCR places the MRM in low-power stop mode. In low-power stop mode, the array
cannot be accessed. The reset state of STOP is the complement of the logic state of
DATA14 during reset. Low-power stop mode is exited by clearing STOP.
7.6 ROM Signature
Signature registers RSIGHI and RSIGLO contain a user-specified mask-programmed
signature pattern. A user-specified signature algorithm provides the capability to verify
ROM array contents.
7.7 Reset
The state of the MRM following reset is determined by the default values programmed
into the MRMCR BOOT, LOCK, ASPC[1:0], and WAIT[1:0] bits. The default array
base address is determined by the values programmed into ROMBAL and ROMBAH.
When the mask programmed value of the MRMCR BOOT bit is zero, the contents of
MRM bootstrap words ROMBS[0:3] are used as reset vectors. When the mask pro-
grammed value of the MRMCR BOOT bit is one, reset vectors are fetched from exter-
nal memory, and system integration module chip-select logic is used to assert the boot
ROM select signal CSBOOT. Refer to 5.9.4 Chip-Select Reset Operation for more
information concerning external boot ROM selection.
Table 7-2 Wait States Field
WAIT[1:0]
Number of
Wait States
Clocks per Transfer
00
0
3
01
1
4
10
2
5
11
–1
2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com