Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 183Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 184Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 185Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 186Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 187Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 188Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 189Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-1
SECTION 8
ANALOG-TO-DIGITAL CONVERTER
This section is an overview of the analog-to-digital converter module (ADC). Refer to
the
ADC Reference Manual (ADCRM/AD) for a comprehensive discussion of ADC ca-
pabilities. Refer to APPENDIX A ELECTRICAL CHARACTERISTICS for ADC timing
and electrical specifications. Refer to D.5 Analog-to-Digital Converter Module for
register address mapping and bit/field definitions.
8.1 General
The ADC is a unipolar, successive-approximation converter with eight modes of oper-
ation. It has selectable 8- or 10-bit resolution. Monotonicity is guaranteed in both
modes.
A bus interface unit handles communication between the ADC and other microcontrol-
ler modules, and supplies IMB timing signals to the ADC. Special operating modes
and test functions are controlled by a module configuration register (ADCMCR) and a
factory test register (ADCTST).
ADC module conversion functions can be grouped into three basic subsystems: an an-
alog front end, a digital control section, and result storage. Figure 8-1 is a functional
block diagram of the ADC module.
In addition to use as multiplexer inputs, the eight analog inputs can be used as a gen-
eral-purpose digital input port (port ADA), provided signals are within logic level spec-
ification. A port data register (PORTADA) is used to access input data.
8.2 External Connections
The ADC uses 12 pins on the MCU package. Eight pins are analog inputs (which can
also be used as digital inputs), two pins are dedicated analog reference connections
(VRH and VRL), and two pins are analog supply connections (VDDA and VSSA).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com