Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 189Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 194Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 195Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 196Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-7
ADC clock speed must be between 0.5 MHz and 2.1 MHz. The reset value of the PRS
field is %00011, which divides a nominal 16.78 MHz system clock by eight, yielding
maximum ADC clock frequency. There are a minimum of four IMB clock cycles for
each ADC clock cycle.
8.7.3 Sample Time
The first two portions of all sample periods require four ADC clock cycles. During the
third portion of a sample period, the selected channel is connected directly to the RC
DAC array for a specified number of clock cycles. The value of the STS field in
ADCTL0 determines the number of cycles. Refer to Table 8-4. The number of clock
cycles required for a sample period is the value specified by STS plus four. Sample
time is determined by PRS value.
8.7.4 Resolution
ADC resolution can be either eight or ten bits. Resolution is determined by the state of
the RES10 bit in ADCTL0. Both 8-bit and 10-bit conversion results are automatically
aligned in the result registers.
8.7.5 Conversion Control Logic
Analog-to-digital conversions are performed in sequences. Sequences are initiated by
any write to ADCTL1. If a conversion sequence is already in progress, a write to either
control register will abort it and reset the SCF and CCF flags in the A/D status register.
There are eight conversion modes. Conversion mode is determined by ADCTL1 con-
trol bits. Each conversion mode affects the bits in status register ADCSTAT differently.
Result storage differs from mode to mode.
Table 8-3 Prescaler Output
PRS[4:0]
ADC Clock
Minimum
System Clock
Maximum
System Clock
%00000
Reserved
—
—
%00001
System Clock/4
2.0 MHz
8.4 MHz
%00010
System Clock/6
3.0 MHz
12.6 MHz
%00011
System Clock/8
4.0 MHz
16.8 MHz
……
…
…
%11101
System Clock/60
30.0 MHz
—
%11110
System Clock/62
31.0 MHz
—
%11111
System Clock/64
32.0 MHz
—
Table 8-4 TS Field Selection
STS[1:0]
Sample Time
00
2 A/D clock periods
01
4 A/D clock periods
10
8 A/D clock periods
11
16 A/D clock periods
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com