Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 194Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 195Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 196Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 197Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 198Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-9
Mode2—A single conversion is performed on each of four sequential input channels,
starting with the channel specified by the value in CD:CA. Each result is stored in a
separate result register (RSLT0 to RSLT3). The appropriate CCF bit in ADCSTAT is
set as each register is filled. The SCF bit in ADCSTAT is set when the last conversion
is complete.
Mode 3 — A single conversion is performed on each of eight sequential input chan-
nels, starting with the channel specified by the value in CD:CA. Each result is stored
in a separate result register (RSLT0 to RSLT7). The appropriate CCF bit in ADCSTAT
is set as each register is filled. The SCF bit in ADCSTAT is set when the last conver-
sion is complete.
Mode 4 — Continuous four-conversion sequences are performed on a single input
channel specified by the value in CD:CA. Each result is stored in a separate result reg-
ister (RSLT0 to RSLT3). Previous results are overwritten when a sequence repeats.
The appropriate CCF bit in ADCSTAT is set as each register is filled. The SCF bit in
ADCSTAT is set when the first four-conversion sequence is complete.
Mode 5 — Continuous eight-conversion sequences are performed on a single input
channel specified by the value in CD:CA. Each result is stored in a separate result reg-
ister (RSLT0 to RSLT7). Previous results are overwritten when a sequence repeats.
The appropriate CCF bit in ADCSTAT is set as each register is filled. The SCF bit in
ADCSTAT is set when the first eight-conversion sequence is complete.
Mode 6 — Continuous conversions are performed on each of four sequential input
channels, starting with the channel specified by the value in CD:CA. Each result is
stored in a separate result register (RSLT0 to RSLT3). The appropriate CCF bit in
ADCSTAT is set as each register is filled. The SCF bit in ADCSTAT is set when the
first four-conversion sequence is complete.
Mode 7 — Continuous conversions are performed on each of eight sequential input
channels, starting with the channel specified by the value in CD:CA. Each result is
stored in a separate result register (RSLT0 to RSLT7). The appropriate CCF bit in
ADCSTAT is set as each register is filled. The SCF bit in ADCSTAT is set when the
first eight-conversion sequence is complete.
Table 8-7 is a summary of ADC operation when MULT is cleared (single-channel
modes). Table 8-8 is a summary of ADC operation when MULT is set (multi-channel
modes). Number of conversions per channel is determined by SCAN. Channel num-
bers are given in order of conversion.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com