Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
16
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Pin Name
Pin Number
FS401/FS403
Type/Value
Pin Function Description
VSSAD
34, 35, 40, 43/
43, 44, 49, 52
0 V
A/D Converter Ground.
VSSPA
48/61
0 V
A/D Sample Clock Phase Lock Loop Ground.
VSSPF
97/124
0 V
Frame Store Clock Phase Lock Loop Ground.
VSS
6, 21, 22, 28,
29, 51, 55, 56,
75, 80/
5, 21, 22, 28,
34, 36, 64, 69,
74, 89, 96,
101
0 V
Digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com