Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
21
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
The pixels double in size in the vertical direction. The internal micro-controller also attempts to double
pixels in the horizontal direction. This is possible for most video modes; however, with very large input
images and very small output devices the pixels will be scaled to something less than 2x horizontally.
The HSS (Horizontal Scale Step) and the VSS (Vertical Scale Step) registers can be used to scale the
image up or down (larger or smaller). This method allows for a variable zoom that works independently in
the horizontal and vertical directions. The HPO (Horizontal Position Offset) and the VPO (Vertical
Position Offset) are used to pan the variable zoomed image.
The ZOOM bit and the HSS and VSS register pair effects are mutually exclusive. They do not compound
each other. The ZOOM bit is the highest priority. If the ZOOM bit is set, then the image is in the 2x-zoom
mode, regardless of the state of HSS and VSS. When the ZOOM bit is cleared, HSS and VSS control the
zoom effect.
The minimum and maximum values of HSS and VSS vary depending upon the size of the input image
and the size of the output device. The internal micro-controller checks the limits of these registers each
time they change. If the values in the HSS and VSS registers are out of range, the internal micro-
controller will overwrite the register with either the minimum value or the maximum value. However, it
can take up to 25ms before the internal micro-controller does this. Therefore, an external controller
should not read HSS or VSS until 25ms after writing to one of these registers.
4.2.4 Panning
When the ZOOM bit in the HCRES register is cleared HPO (Horizontal Position Offset) and VPO (Vertical
Position Offset) control panning. HPP (Horizontal Pan Position) and VPP (Vertical Pan Position) control
panning when the ZOOM bit in the HCRES register is set.
The HPP and HPO values are expressed as a signed ratio of the horizontal total * 32768. The VPP and
VPO values are expressed as a signed ratio of the vertical total * 32768. These signed ratios are added
to the start of active video ratios (SHV and SVV) to compute a new start of active video.
The CCR_HPO_STEP and CCR_VPO_STEP configuration values contain the percentage of the
horizontal and vertical totals that represent one pixel. The processor can read CCR_HPO_STEP and
add or subtract the value from HPO or HPP to move the image one pixel horizontally. The
CCR_VPO_STEP value is added or subtracted from the VPO and VPP to move the image one pixel
vertically.
The minimum and maximum values of HPO, VPO, HPP and VPP vary depending upon the size of the
input image. The internal micro-controller checks the limits of these values each time they change. If the
values in the HPO, VPO, HPP and VPP registers are out of range, the internal micro-controller will
overwrite the register with either the minimum value or the maximum value. However, it can take up to
25ms before the internal micro-controller does this. Therefore, an external controller should not read
HPO, VPO, HPP or VPP until 25ms after writing to one of these registers.
4.2.5 Picture Control
The following registers control the picture quality.
CON
Contrast Coefficient
BRT
Brightness Coefficient
SHP
Sharpness Coefficient
CSC
Color Saturation Coefficient
CON, BRT, SHP, and CSC are low level hardware registers. However, the internal micro-controller does
not modify the contents of these registers. An external controller is free to modify them as needed.
Additionally, there are several bits in the control registers that are used to control picture quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com