Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 57Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 58Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 59Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 60Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 61Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 62Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 63Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
60
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.32 HSS – Horizontal Scale Step
Horizontal Scale Step Low (6C)
7
6
5
4
3
2
1
0
HSS7
HSS 6
HSS 5
HSS 4
HSS 3
HSS 2
HSS 1
HSS 0
Horizontal Scale Step High (6D)
7
6
5
4
3
2
1
0
HSS 15
HSS 14
HSS 13
HSS 12
HSS 11
HSS 10
HSS 9
HSS 8
Description:
This offsets the horizontal scale from its nominal value. A positive number stretches the image and a
negative number compresses the image.
If the value written to HSS is beyond the internally calculated limit, the maximum (or minimum in case of a
negative number) will be written back to the HSS register. An external processor can then read HSS to
determine if the last value written to HSS was beyond the limit.
NOTE: It can take up to 25ms for the internal micro-controller calculates the limits for HPO, VPO, HSS,
VSS, HPP, and VPP. These registers should not be read until 10ms after writing to any of these registers.
Range:
{-32768 : +32767} 2’s Complement
Reset Value:
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com