Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS401 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
2
JANUARY 24, 2007
COPYRIGHT
© 1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
digital video encoder that generates
Y/C and Composite Video outputs.
For RGB and YUV outputs, the
encoder may be bypassed via a
YUV to RGB transcoder for SCART
compatible video, and for output to
VGA or SVGA displays.
The FS400 has built in capability to
automatically detect the incoming
video mode and automatically
select optimal sampling and scaling
parameters. The chip can detect
the location of the active video in
the input, and can automatically
center the input on the TV screen.
All parameters can be read and
written via the SIO serial port.
The FS403 has support for glueless
integration with Zilog and Philips On
Screen Display (OSD)
microcontrollers. The OSD
interface allows a customized on
screen user interface that can
contain opaque or halftone video
backgrounds.
The FS403 has direct digital inputs,
bypassing the built-in ADCs.
Power is derived from +3.3V digital
and analog supplies. Packages are
100-lead (FS401) or 128-lead
(FS403) Plastic Quad Flat Pack
(PQFP).
Applications
PC video out
PC ready TV’s
Video Text Displays
Web Appliances
PC-to-TV Scan Converter
Peripherals
Video Kiosks
Architectural Block Diagram
8 Bit
ADC
Gain
RGB/YUV
Matrix
10 Bit
DAC
Vertical
Scaler
External
Sync
DRAM
Memory
Video
Encoder
YUV/RGB
Matrix
8 Bit
ADC
8 Bit
ADC
10 Bit
DAC
10 Bit
DAC
Horizontal
Scaler
Clamp
VGA
PLL
DRAM
PLL
Serial Bus
Interface
RED
GRN
BLU
LUMA_R_V
CVBS_G_Y
CHROMA_B_U
VGA_HSYNC
VGA_VSYNC
Xtal_N
Xtal_P
/3
FLP_RST
R_DIG
G_DIG
B_DIG
Embedded
Processor
VSYNC
HSYNC
CSYNC
Built In
Pattern
ADC_SEL
OSD Overlay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com