Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 25Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 26Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 27Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
24
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
It is also possible to disable two portions of the internal micro-controllers program code. These are the
video mode detect and the auto input calibration program code.
The video mode detect program code is disabled by setting the DSVMDET bit in the SCR register. The
video mode detect code usually samples the IHC and IVC registers looking for a stable change to
indicate a new video mode. When this code is disabled, no new video modes will be detected. An
external processor could sample IHC and IVC or use another method to determine a video mode change.
The external processor would then have to program the CCR_IHC and the CCR_IVC configuration
values via the CCR and CDR and then set the RSTVMODE bit in the SCR to force a video mode update.
The video mode detect code can be re-enabled at any time by clearing the DSVMET bit in the SCR
register.
Setting the DSICAL bit in the SCR register disables the input calibration program code. This referred to
as manual input calibration mode and is discussed in section 4.2.1.2 above.
4.2.8 Special Internal Micro-Controller SIO Requirements
The interface to the internal micro-controller’s software registers is identical to the hardware registers via
the SIO. However, the internal micro-controller is not able to process code while an external processor is
accessing the SIO. Therefore, repeated back to back SIO access can starve the internal micro-controller
of processing time. This is not a concern for short bursts of back to back SIO accesses, but long loops of
repeated polling of an SIO register should be avoided.
If it is necessary to repeatedly poll a register via the SIO, it is recommended that there be a delay of about
1 to 5 millisecond between SIO accesses. This will allow the internal micro-controller to continue it’s
processing in a timely manor.
One example of the need to repeated poll an SIO register is when an external processor writes a
CCR_READ command to the CCR register. The external processor must wait until the CCR register is
set to CCR_COMPLETE (0) before it could read the data from the CDR. A programmer might be
tempted to write a loop that continuously reads the CCR register until it is set to CCR_COMPLETE. This
would slow down or even stop the processing in the internal micro-controller. To avoid this, add at least a
1 to 5ms delay into the loop to allow the internal micro-controller to continue processing.
4.3 Disabling the Internal Micro-Controller
To be added later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com