Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 93Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 94Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 95Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 96Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 97Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 98Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 99Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 100Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
97
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
7.2.6 Video Output Filters
• To reduce step noise on the D/A converter outputs, and to lower EMI, consider placing the 75
termination resistors and the first capacitor of the output filter close to the video output pins of the
FS400.
7.2.7 Analog Power Supply Bypassing, Filtering, and Isolation
• When possible, it is recommended that the analog supply voltages be fed from a linear voltage
regulator. Switching power supply noise, and noise from the digital plane can induce visible artifacts
into the displayed video. Always provide sufficient filtering and high frequency bypassing to insure that
power supply noise is minimized for visual as well as EMI reasons.
• Noise from the digital plane must be kept isolated from the analog plane. Consider using a 1
Ω to 2Ω
resistor with a 100
µF capacitor as a filter network. The voltage drop to the analog plane is minimal,
and this effectively minimizes clock noise from the digital plane.
• It is recommended that each power supply section be isolated with a ferrite bead and a 4.7
µF
capacitor. Where the power pins are so close together that the 0.1
µF bypass capacitors are adjacent,
consider changing one of the adjacent capacitors to 100 to 1000pF to reduce higher frequency noise
on the power supply.
7.2.8 Power and Ground
Within the FS400, separate power is routed to functional sections: A/D converters, phase locked loops,
D/A converters, digital processors and digital drivers. To minimize power consumption, a +3.3 volt supply
is used for the external SDRAM interface and the internal line buffers. All ground pins should be
connected to a common ground plane. Power pins should be segregated into analog and digital sections.
Clean analog power should be applied to the VDDAD, VDDPA, VDDPF, and VDDDA pins. A 0.1 µF capacitor
should be placed adjacent to each group of pins. The capacitor connected to CBYPR is critical, and it must
be connected to VDDDA to minimize noise at the D/A converter outputs. Chip capacitors are
recommended.
Digital power may be derived from system digital +3.3 volts. If necessary insert a ferrite bead in series
with the supply trace. A 47
µF capacitor should be placed across the common +3.3 VDC for V
DD, VDDAD
and VDDDA to act as a reservoir for heavy currents drawn by D/A converters and memory. At least one 0.1
µF capacitor should be located adjacent to V
DD pins along each side of the FS400 to supply transient
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com