Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 25Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 26Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 27Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 28Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 29Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
26
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Function
Reg.
Bit #
Name
Type
Reset Value
Output Horizontal Offset
20
7-0
OHO7-0
R/W
C0 (192.)
21
1-0
OHO9-8
R/W
00
Output Vertical Offset
22
7-0
OVO7-0
R/W
20 (32.)
23
1-0
OVO9-8
R/W
00
Horizontal Scaling Coefficient
24
7-0
HSC7-0
R/W
00
25
0
HSC8
R/W
00
Contrast Coefficient
26
5-0
CON5-0
R/W
20 (32.)
27
-
-
-
00
Brightness Coefficient
28
7-0
BRT7-0
R/W
00
29
-
-
-
00
Sharpness Coefficient
2A
4-0
SHP4-0
R/W
00
2B
-
-
-
00
Flicker Filter Coefficient
2C
4-0
FLK4-0
R/W
00
2D
-
-
-
00
Color Saturation Coefficient
2E
5-0
CSC5-0
R/W
20 (32.)
2F
-
-
-
00
General Purpose Outputs
34
7-0
GPO7-0
R/W
00
35
-
-
-
00
Software Control Register
60
7-0
SCR7-0
R/W
02 (33794.)
61
7-0
SCR15-8
R/W
84
Software Status Register
62
7-0
SSR7-0
R
63
7-0
SSR15-8
R
Hardware Control Register Shadow
64
7-0
HCRS7-0
R/W
80 (128.)
65
7-0
HCRS15-8
R/W
00
Hardware Control Register Extended Shadow
66
7-0
HCRES7-0
R/W
20 (800.)
67
7-0
HCRES15-
8
R/W
03
Horizontal Position Offset
68
7-0
HPO7-0
R/W
00
69
7-0
HPO15-8
R/W
00
Vertical Position Offset
6A
7-0
VPO7-0
R/W
00
6B
7-0
VPO15-8
R/W
00
Horizontal Scale Step
6C
7-0
HSS7-0
R/W
00
6D
7-0
HSS16-8
R/W
00
Vertical Scale Step
6E
7-0
VSS7-0
R/W
00
6F
7-0
VSS15-8
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com