Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 62Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 63Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 64Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 65Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 66Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 67Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 68Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 69Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
66
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.38 CCR – Configuration Command Register
Configuration Command Register Low (78)
7
6
5
4
3
2
1
0
ADDR7
ADDR 6
ADDR 5
ADDR 4
ADDR 3
ADDR 2
ADDR 1
ADDR 0
Configuration Command Register High (79)
7
6
5
4
3
2
1
0
0
0
0
0
CMD3
CMD2
CMD1
CMD0
Reg
Bit#
Bit Name
Description
78
7-0
ADDR 7-0
Parameter Address
This field contains the address of the configuration parameter to be
accessed.
79
3-0
CMD3-0
Command
0000
Command complete. The internal controller writes this.
0001
Read from the configuration parameter.
After the command is complete CDR contains the data.
0010
Write to the configuration parameter.
The CDR must contain the data to write before CCR is written.
The CCR and CDR registers are used to access constants and variables inside the internal micro-
controller. The definitions of these parameters are found in section 4.5.40.
To read from a configuration parameter, write 0001 to the command field and the configuration parameter
address in the address field of the CCR. These values must be written with one operation. Next, poll the
CCR until it becomes zero. Be sure to include a delay between polling reads to prevent stopping the
internal CPU from having access to the SIO registers. Then read the CDR to retrieve the value of the
specified configuration parameter.
To write to a configuration parameter, write the data to the CDR. Next, write 0010 to the command field
and the configuration parameter address in the address field of the CCR. When the CCR because zero,
the write operation is complete. Be sure to include a delay between polling reads to prevent stopping the
internal CPU from having access to the SIO registers.
Reset Value:
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com