Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 80Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 81Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 82Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 83Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 84Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 85Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 86Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 87Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
84
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
•
Multiplexing alternatives on OSC2 must be done with an external multiplexer (perhaps controlled
by a GPO bit)
5.3.2 Horizontal Scaler
The Frame Store Controller passes pixels extracted from the external frame store memory to the
Horizontal Scaler.
Programming the HSC register sets horizontal scale factor. HSC is the Horizontal Scaling Coefficient, m
that determines the horizontal scaling factor:
HSF = (1 + m/128)
With a range: 0
≤ m ≤ 384; 1 ≤ HSF ≤ 1 + 384/128
5.3.3 Digital Video Encoder
For Composite Video and Y/C outputs, pixels from the Horizontal Scaler are routed to the Video Encoder.
NTSC (SMPTE 170M) and PAL (CCIR 624) standards are preprogrammed into the Video Encoder to
preset horizontal and vertical timing, subcarrier frequency, and chrominance phase.
Setting the Command Register OFMT1-0 bits to 00 selects Composite Video and Y/C outputs, setting it to
01 selects RGB and bypasses the encoder, and setting it to 10 or 11 selects component YUV directly.
Setting the Command Register TV_CLK1-0 selects the output clock mode per the table in the Command
Register description (section 4.5.9).
Setting the Command Register PROG_INT bit switches the output mode from interlaced (0) to
progressive (1).
Setting the Command Register PAL_NTSC bit switches the output mode from NTSC (0) to PAL (1).
Command Register bit, CBP inserts a 18% (0.64 MHz for NTSC; 0.8 MHz for PAL) fSC bandpass filter
centered at fSC following the chroma modulator.
Command Register bit, LNTCH insert a luminance notch filter in the Y channel prior to the Composite
Video summer and the Y output.
The Brightness Coefficient (BRT) provides an offset adjustment in the Luma Encoder. BRT is a signed 8-
bit number.
The Contrast Coefficient (CON) provides a luma gain adjustment in the Luma Encoder. Contrast has an
implicit denominator of 32.
The Color Saturation Coefficient (CSC) provides a gain adjustment in the Chroma Encoder. Saturation
has an implicit denominator of 32.
5.3.4 YUV/RGB Matrix
For RGB outputs, pixels from the Horizontal Scaler are routed to the YUV/RGB matrix. Matrix coefficients
are programmed by setting the OFMT1-0 bits in the Command Register. For a YUV output, the OFMT1-0
bits can be set to bypass the YUV/RGB matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com