Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 66Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 67Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 68Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 69Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 70Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 71Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 72Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 73Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
70
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.6 Configuration Values
Name
Addr
R/W
Size
Reset
Value
Description
CCR_VERSION
0x00
R
8
30
The internal micro-controller’s version
number. (First silicon = 30, 4/99)
CCR_FREQUENCY
0x01
R/W
8
112
The speed of the FS400 expressed as:
(Clock Speed / 14.31mHz) * 32
The reset value assumes the FS400 clock
speed is 50mHz.
CCR_FLT_FREQ
0x02
R/W
8
63
The analog filter frequency threshold. This
value is expressed as :
(Threshold Clock Speed / 14.31mHz) * 32
The reset value assumes a 28mHz
threshold. When the IHS register exceeds
this frequency, GPO0 is set to a 1.
CCR_AVT
0x03
R/W
8
64
The value the internal micro-controller
writes into the FS400 AVT register when
RGBGAIN is off.
CCR_AVT_RGBGAIN
0x04
R/W
8
128
The value the internal micro-controller
writes into the FS400 AVT register when
RGBGAIN is on.
CCR_MIN_HAT
0x05
R/W
16
32768
Minimum HAT (Horizontal Active) value
allowed. Values of HAT lower than this will
cause the input calibration algorithm to use
the default HAT value (DEF_HAT).
Expressed as a percentage of the
horizontal total * 65536.
CCR_MAX_HAT
0x06
R/W
16
64881
Maximum HAT (Horizontal Active) value
allowed. Values of HAT higher than this
will cause the input calibration algorithm to
use the default HAT value (DEF_HAT).
Expressed as a percentage of the
horizontal total * 65536.
CCR_DEF_HAT
0x07
R/W
16
55706
The default HAT (Horizontal Active) value
is used when the internal micro-controller
has not been able to acquire a valid set of
horizontal input calibration values.
Expressed as a percentage of the
horizontal total * 65536.
CCR_MIN_SHV
0x08
R/W
16
1311
Minimum SHV (Start Horizontal Video)
value allowed. Values of SHV lower than
this will cause the input calibration
algorithm to use the default SHV value
(DEF_SHV).
Expressed as a percentage of the
horizontal total * 65536.
CCR_MAX_SHV
0x09
R/W
16
32767
Maximum SHV (Start Horizontal Video)
value allowed. Values of SHV higher than
this will cause the input calibration
algorithm to use the default SHV value
(DEF_SHV).
Expressed as a percentage of the
horizontal total * 65536.
CCR_DEF_SHV
0x0A
R/W
16
9830
The default SHV (Start Horizontal Video)
value is used when the internal micro-
controller has not been able to acquire a
valid set of horizontal input calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com